Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932SQL456AGILFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 932SQL456AGILFT
Description  Low-Power CK420BQ Derivative for PCIe
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQL456AGILFT Datasheet(HTML) 4 Page - Integrated Device Technology

  932SQL456AGILFT Datasheet HTML 1Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 2Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 3Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 4Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 5Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 6Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 7Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 8Page - Integrated Device Technology 932SQL456AGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES
4
REVISION B 09/29/15
932SQL456 DATASHEET
64VFQFPN Pin Descriptions
PIN #
PIN NAME
TYPE
DESCRIPTION
1
GNDPCI
PWR Ground pin for PCI outputs and logic.
2
VDDPCI
PWR 3.3V power for the PCI outputs and logic
3
PCI4_2x
OUT 3.3V PCI clock output
4
PCI3_2x
OUT 3.3V PCI clock output
5
PCI2_2x
OUT 3.3V PCI clock output
6
PCI1_2x
OUT 3.3V PCI clock output
7
PCI0_2x
OUT 3.3V PCI clock output
8
GNDPCI
PWR Ground pin for PCI outputs and logic.
9
VDDPCI
PWR 3.3V power for the PCI outputs and logic
10
VDD48
PWR 3.3V power for the 48MHz output and logic
11
48M_2x
OUT 3.3V 48MHz output
12
GND48
PWR Ground pin for 48MHz output and logic.
13
GND96
PWR Ground pin for DOT96 output and logic.
14
DOT96_Z85T
OUT
True clock of low-power push-pull differential 96MHz output. Internally terminated to drive 85ohm
transmission lines with no external components.
15
DOT96_Z85C
OUT
Complementary clock of low-power push-pull differential 96MHz output. Internally terminated to
drive 85ohm transmission lines with no external components.
16
AVDD96
PWR 3.3V power for the 48/96MHz PLL and the 96MHz output and logic
17
TEST_MODE
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode while in test
mode. Refer to Test Clarification Table.
18
CKPWRGD#/PD
IN
CKPWRGD# is an active low input used to sample latched inputs and allow the device to Power
Up. PD is an asynchronous active high input pin used to put the device into a low power state.
The internal clocks and PLLs are stopped.
19
VDDSRC
PWR 3.3V power for the SRC outputs and logic
20
SRC0_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
21
SRC0_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
22
GNDSRC
PWR Ground pin for SRC outputs and logic.
23
SRC1_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
24
SRC1_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
25
SRC2_Z85C
OUT
Complementary clock of low-power push-pull differential SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
26
SRC2_Z85T
OUT
True clock of low-power push-pull differential SRC output. Internally terminated to drive 85ohm
transmission lines with no external components.
27
VDDSRC
PWR 3.3V power for the SRC outputs and logic
28
AVDD_SRC
PWR 3.3V power for the SRC PLL analog circuits
29
GNDSRC
PWR Ground pin for SRC outputs and logic.
30
NC
N/A
No Connection.
31
NS_SRC0_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SRC output. Internally
terminated to drive 85ohm transmission lines with no external components.
32
NS_SRC0_Z85T
OUT
True clock of low-power push-pull differential non-spreading SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
33
NS_SRC1_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SRC output. Internally
terminated to drive 85ohm transmission lines with no external components.
34
NS_SRC1_Z85T
OUT
True clock of low-power push-pull differential non-spreading SRC output. Internally terminated to
drive 85ohm transmission lines with no external components.
35
VDDNS
PWR 3.3V power for the Non-Spreading differential outputs outputs and logic
36
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
37
NS_SAS0_Z85C
OUT
Complementary clock of low-power push-pull differential non-spreading SAS output. Internally
terminated to drive 85ohm transmission lines with no external components.
38
NS_SAS0_Z85T
OUT
True clock of low-power push-pull differential non-spreading SAS output. Internally terminated to
drive 85ohm transmission lines with no external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com