Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20060 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSD20060
Description  ZERO RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD20060 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSD20060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CSD20060
Page 3 • CSD20060, Rev/ A
®
P O W E R
Figure 3. Current Derating
Figure 4. Capacitance vs. Reverse Voltage
Figure 5. Transient Thermal Impedance (Per Device)
0
50
100
150
200
250
300
350
400
1
10
100
1000
VRReverseVoltage(V)
0
5
10
15
20
25
30
35
25
50
75
100
125
150
175
200
TC Case Temperature (°C)
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E-09
1.00E-07
1.00E-05
1.00E-03
1.00E-01
1.00E+01
time [s]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com