Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20060 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSD20060
Description  ZERO RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSD20060 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSD20060 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSD20060 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CSD20060
Page 2 • CSD20060, Rev/A
®
P O W E R
ELECTRICAL CHARACTERISTICS (PER LEG)
Parameter
Symbol
Min
Typ
Max
Units
Forward Voltage
IF = 10A TJ=25°C
IF = 10A TJ=175°C
VF
1.6
2.0
1.8
2.4
V
Reverse Current
VR = 600V TJ=25°C
VR = 600V TJ=175°C
IR
50
100
200
1000
µA
Total Capacitive Charge
VR = 600V,IF = 10A, di/dt = 500 A/µs, TJ = 25°C
QC
28
nC
Total Capacitance
VR = 0V, TJ = 25°C, f =1MHz
VR = 200V, TJ = 25°C, f =1MHz
VR = 400V, TJ = 25°C, f =1MHz
C
550
65
50
pF
NOTE:
1.
This is a majority carrier diode, so there is no reverse recovery charge.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Units
Thermal Resistance from Junction to Case
Per Leg
RθJC
1.08
°C/W
Per Device
RθJC
0.54
°C/W
Typical Performance (Per Leg)
Figure 1. Forward Characteristics
Figure 2. Reverse Characteristics
0
2
4
6
8
10
12
14
16
18
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF Forward Voltage (V)
T J = 25°C
T J = 75°C
T
J = 125°C
T J = 175°C
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
600
700
VR Reverse Voltage (V)
T
J = 25°C
TJ = 75°C
T
J = 125°C
TJ = 175°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com