Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8473 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP8473 Datasheet HTML 17Page - National Semiconductor (TI) DP8473 Datasheet HTML 18Page - National Semiconductor (TI) DP8473 Datasheet HTML 19Page - National Semiconductor (TI) DP8473 Datasheet HTML 20Page - National Semiconductor (TI) DP8473 Datasheet HTML 21Page - National Semiconductor (TI) DP8473 Datasheet HTML 22Page - National Semiconductor (TI) DP8473 Datasheet HTML 23Page - National Semiconductor (TI) DP8473 Datasheet HTML 24Page - National Semiconductor (TI) DP8473 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a7V
DC Input Voltage (VIN)
b
05V to VCC a 05V
DC Output Voltage (VOUT)
b
05V to VCC a 05V
Storage Temperature Range (TSTG)
b
65 Cto a165 C
Package Power Dissipation (PD)
750 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
lVCC–VCCAl
06V
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Operating Temperature (TA)0
a
70
C
ESD Tolerance CZAP e 100 pF
1500
V
RZAP e 15 kX
(Note 5)
DC Electrical Characteristics VCC e 5V g10% unless otherwise specified (Note 3)
Symbol
Parameter
Conditions
Min
Max
Units
VIH
High Level Input Voltage
(except OSC2CLK)
20
V
VIL
Low Level Input Voltage
(except OSC2CLK)
08
V
IIN
Input Current (except OSC pins)
VIN e VCC or GND
g
10
m
A
ICCA
Average VCCA Supply Current
VIN e 24V or 05V IO e 0mA
200
mA
(Note 4)
Quiescent VCCA Supply Current
VIN e VCC or GND IO e 0mA
400
m
A
in Low Power Mode
(Note 4)
ICC
Average VCC Supply Current
VIN e 24V or 05V IO e 0mA
200
mA
(Note 4)
Quiescent VCC Supply Current
VIN e VCC or GND IO e 0mA
2mA
in Low Power Mode
(Note 4)
OSCILLATOR PINS
(OSC2CLK)
IOSC
OSC2 Input Current (OSC1 e GND)
VIN e VCC or GND
g
16
mA
VIH
OSC2 High Level Input Voltage
OSC1 e GND
24
V
VIL
OSC2 Low Level Input Voltage
OSC1 e GND
04
V
MICROPROCESSOR INTERFACE PINS
(D0 – D7 INT DAK TC DRQ RD WR CS A0 – A3)
VOH
High Level Output Voltage
IOUT eb20 mAVCC b 01
V
IOUT eb40 mA
35
V
VOL
Low Level Output Voltage
IOUT e 20 mA
01
V
IOUT e 12 mA
04
V
IOZ
Output TRI-STATE Leakage
VOUT e VCC or GND
g
100
m
A
Current
DISK DRIVE INTERFACE PINS
(MTR0 – 3 DR0 – 3 WDATA WGATE RDATA DIR HDSEL TRK0 WRTPRT RPM STEP DSKCHG INDEX)
VH
Input Hysteresis
250 Typical
mV
VOL
Low Level Output Voltage
IOUT e 48 mA
04
V
ILKG
Output High Leakage Current
VOUT e VCC or GND
g
100
m
A
VIH
High Level Input Voltage
22
V
VIL
Low Level Input Voltage
08
V
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
These DC Electrical Characteristics are measured staticly and not under dynamic conditions
Note 4
ICC is measured with a 01 mF supply decoupling capacitor to ground
Note 5
Value based on test complying with NSC SOP5-028 human body model ESD testing using the ETS-910 tester
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com