Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8473 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8473
Description  DP8473 Floppy Disk Controller PLUS-2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8473 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8473 Datasheet HTML 1Page - National Semiconductor (TI) DP8473 Datasheet HTML 2Page - National Semiconductor (TI) DP8473 Datasheet HTML 3Page - National Semiconductor (TI) DP8473 Datasheet HTML 4Page - National Semiconductor (TI) DP8473 Datasheet HTML 5Page - National Semiconductor (TI) DP8473 Datasheet HTML 6Page - National Semiconductor (TI) DP8473 Datasheet HTML 7Page - National Semiconductor (TI) DP8473 Datasheet HTML 8Page - National Semiconductor (TI) DP8473 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
General Description (Continued)
the data rate 83 ns125 ns208 ns 250 ns for data rates of
10M500k300k250 kbs respectively
Specifically to support the PC-AT and PC-XT design the
Floppy Disk Controller PLUS-2 includes address decode for
the A0 – A2 address lines the motordrive select register
data rate register for selecting 250300500 kbs Disk
Changed status dual speed spindle motor control low write
current and DMAinterrupt sharing logic The controller also
supports direct connection to the mP bus via internal 12 mA
buffers The controller also can be connected directly to the
disk drive via internal open drain high drive outputs and
Schmitt inputs
In addition to this logic the DP8473 includes many features
to ease design of higher performance drives and future con-
troller upgrades These include 10 Mbs data rate extend-
ed track range to 4096 Implied seeking working Scan Com-
mands motor control timing both standard IBM formats as
well as Sony 35
(ISO) formats and other enhancements
This device is available in a 52 pin Plastic Chip Carrier and
in a 48 pin Dual-In-Line package
Table of Contents
General Description
Pin Description
Functional Description
Register Description
Result Phase Register Description
Processor Software Interface
Command Description Table
Command Descriptions
DC and AC Characteristics
Block Diagram
TLF9384 – 3
Note 1
The MTR2 MTR3 DR2 and DR3 are not available on the 48 pin DIP (DP8473N J) versions
Note 2
See
Figure 4 for filter description
Note 3
Total transistor count is 29700 (approx)
FIGURE 1 DP8473 Functional Block Diagram
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com