Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7311J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP7311J
Description  DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP7311J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP7311J Datasheet HTML 1Page - National Semiconductor (TI) DP7311J Datasheet HTML 2Page - National Semiconductor (TI) DP7311J Datasheet HTML 3Page - National Semiconductor (TI) DP7311J Datasheet HTML 4Page - National Semiconductor (TI) DP7311J Datasheet HTML 5Page - National Semiconductor (TI) DP7311J Datasheet HTML 6Page - National Semiconductor (TI) DP7311J Datasheet HTML 7Page - National Semiconductor (TI) DP7311J Datasheet HTML 8Page - National Semiconductor (TI) DP7311J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF5246
February 1995
DP7310DP8310DP7311DP8311 Octal Latched
Peripheral Drivers
General Description
The DP73108310 DP73118311 Octal Latched Peripheral
Drivers provide the function of latching eight bits of data
with open collector outputs each driving up to 100 mA DC
with an operating voltage range of 30V Both devices are
designed for low input currents high inputoutput voltages
and feature a power up clear (outputs off) function
The DP73108310 are positive edge latching Two active
low writeenable inputs are available for convenient data
bussing without external gating
The DP73118311 are positive edge latches The active low
strobe input latches data or allows fall through operation
when held at logic ‘‘0’’ The latches are cleared (outputs off)
with a logic ‘‘0’’ on the clear pin
Features
Y
High current high voltage open collector outputs
Y
Low current high voltage inputs
Y
All outputs simultaneously sink rated current ‘‘DC’’ with
no thermal derating at maximum rated temperature
Y
Parallel latching or buffering
Y
Separate active low enables for easy data bussing
Y
Internal ‘‘glitch free’’ power up clear
Y
10% VCC tolerance
Applications
Y
High current high voltage drivers
Y
Relay drivers
Y
Lamp drivers
Y
LED drivers
Y
TRIAC drivers
Y
Solenoid drivers
Y
Stepper motor drivers
Y
Level translators
Y
Fiber-optic LED drivers
Connection Diagrams
Dual-In-Line Package
TLF5246 – 1
Top View
Dual-In-Line Package
TLF5246 – 2
Top View
Order Number DP7310J DP7311J
DP8310N or DP8311N
See NS Package Number J20A or N20A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP7311J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP7303J ETC1-DP7303J Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
DP7303JB ETC1-DP7303JB Datasheet
442Kb / 6P
OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
logo
National Semiconductor ...
DP7304 NSC-DP7304 Datasheet
295Kb / 5P
8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
DP7304B NSC-DP7304B Datasheet
295Kb / 5P
8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
DP7304BJ NSC-DP7304BJ Datasheet
295Kb / 5P
8 BIT TRI-STATE BIDIRECTIONAL TRANSCEIVER
More results

Similar Description - DP7311J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8310 NSC-DP8310 Datasheet
197Kb / 9P
Octal Latched Peripheral Drivers
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
SN75436 TI-SN75436 Datasheet
80Kb / 5P
QUADRUPLE PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com