Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7311J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP7311J
Description  DP7310/DP8310/DP7311/DP8311 Octal Latched Peripheral Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP7311J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP7311J Datasheet HTML 1Page - National Semiconductor (TI) DP7311J Datasheet HTML 2Page - National Semiconductor (TI) DP7311J Datasheet HTML 3Page - National Semiconductor (TI) DP7311J Datasheet HTML 4Page - National Semiconductor (TI) DP7311J Datasheet HTML 5Page - National Semiconductor (TI) DP7311J Datasheet HTML 6Page - National Semiconductor (TI) DP7311J Datasheet HTML 7Page - National Semiconductor (TI) DP7311J Datasheet HTML 8Page - National Semiconductor (TI) DP7311J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
70V
Input Voltage
35V
Output Voltage
35V
Maximum Power Dissipation at 25 C
Cavity Package
1821 mW
DP8310DP8311
2005 mW
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Derate cavity package 121 mW C above 25 C derate molded package
160 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage (VCC)
45
55
V
Temperature
DP7310DP7311
b
55
a
125
C
DP8310DP8311
0
a
70
C
Input Voltage
30
V
Output Voltage
30
V
DC Electrical Characteristics DP7310DP8310 DP7311DP8311 (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical ‘‘1’’ Input Voltage
20
V
VIL
Logical ‘‘0’’ Input Voltage
08
V
VOL
Logical ‘‘0’’ Output Voltage
Data outputs latched to
logical ‘‘0’’ VCC e Min
DP7310DP7311
IOL e 75 mA
04
V
DP8310DP8311
IOL e 100 mA
035
05
V
IOH
Logical ‘‘1’’ Output Current
Data outputs latched to
logical ‘‘1’’ VCC e Min
DP7310DP7311
VOH e 25V
500
m
A
DP8310DP8311
VOH e 30V
25
250
m
A
IIH
Logical ‘‘1’’ Input Current
VIH e 27V VCC e Max
01
25
m
A
II
Input Current at Maximum Input
VIN e 30V VCC e Max
1
250
m
A
Voltage
IIL
Logical ‘‘0’’ Input Current
VIN e 04V VCC e Max
b
215
b
300
m
A
Vclamp
Input Clamp Voltage
IIN e 12 mA
b
08
b
15
V
ICC0
Supply Current Outputs On
Data outputs latched to a
logical ‘‘0’’ All Inputs are
at logical ‘‘1’’ VCC e Max
DP7310
100
125
mA
DP8310
100
152
mA
DP7311
88
117
mA
DP8311
88
125
mA
ICC1
Supply Current Outputs Off
Data outputs latched to a
logic ‘‘1’’ Other
conditions same as ICC0
DP7310
40
47
mA
DP8310
40
57
mA
DP7311
25
34
mA
DP8311
25
36
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com