Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7151 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS7151
Description  SPREAD SPECTRUM CLOCK GENERATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS7151 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS7151 Datasheet HTML 1Page - Integrated Device Technology ICS7151 Datasheet HTML 2Page - Integrated Device Technology ICS7151 Datasheet HTML 3Page - Integrated Device Technology ICS7151 Datasheet HTML 4Page - Integrated Device Technology ICS7151 Datasheet HTML 5Page - Integrated Device Technology ICS7151 Datasheet HTML 6Page - Integrated Device Technology ICS7151 Datasheet HTML 7Page - Integrated Device Technology ICS7151 Datasheet HTML 8Page - Integrated Device Technology ICS7151 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICS7151
SPREAD SPECTRUM CLOCK GENERATOR
SSCG
IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR
3
ICS7151
REV J 051310
External Components
The ICS7151 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
A decoupling capacitor of 0.01µF must be connected
between GND and VDD on pin 7, as close to this pin as
possible. For optimum device performance, the decoupling
capacitor should be mounted on the component side of the
PCB. Avoid the use of vias in the decoupling circuit.
Series Termination Resistor
Series termination should be used on the clock output. To
series terminate a 50
Ω trace (a commonly used trace
impedance) place a 27
Ωresistor in series with the clock line,
as close to the clock output pin as possible. The nominal
impedance of the clock output is 25
Ω.
PCB Layout Recommendations
For optimum device performance and lowest output phase
noise, the following guidelines should be observed.
1) The 0.01µF decoupling capacitor should be mounted on
the component side of the board as close to the VDD pin as
possible. No vias should be used between the decoupling
capacitor and VDD pin. The PCB trace to VDD pin should
be kept as short as possible, as should the PCB trace to the
ground via.
2) To minimize EMI, the 27
Ω series termination resistor (if
needed) should be placed close to the clock output.
3) An optimum layout is one with all components on the
same side of the board, minimizing vias through other signal
layers. Other signal traces should be routed away from the
ICS7151. This includes signal traces just underneath the
device, or on layers adjacent to the ground plane layer used
by the device.
Crystal Information
The crystal used should be a fundamental mode (do not use
third overtone), parallel resonant. Crystal capacitors should
be connected from pins X1 to ground and X2 to ground to
optimize the initial accuracy. The value of these capacitors
is given by the following equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So, for a
crystal with a 16 pF load capacitance, two 20 pF [(16-6) x 2]
capacitors should be used.
Spread Spectrum Profile
The ICS7151 low EMI clock generator uses a triangular
frequency modulation profile for optimal down stream
tracking of zero delay buffers and other PLL devices. The
frequency modulation amplitude is constant with variations
of the input frequency.
Time
Modulation Rate



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com