Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7151 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS7151
Description  SPREAD SPECTRUM CLOCK GENERATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS7151 Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS7151 Datasheet HTML 1Page - Integrated Device Technology ICS7151 Datasheet HTML 2Page - Integrated Device Technology ICS7151 Datasheet HTML 3Page - Integrated Device Technology ICS7151 Datasheet HTML 4Page - Integrated Device Technology ICS7151 Datasheet HTML 5Page - Integrated Device Technology ICS7151 Datasheet HTML 6Page - Integrated Device Technology ICS7151 Datasheet HTML 7Page - Integrated Device Technology ICS7151 Datasheet HTML 8Page - Integrated Device Technology ICS7151 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ICS7151
SPREAD SPECTRUM CLOCK GENERATOR
SSCG
IDT™ / ICS™ SPREAD SPECTRUM CLOCK GENERATOR
4
ICS7151
REV J 051310
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS7151. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these
or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Overshoot/Undershoot
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs (referenced to GND)
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
° C
Storage Temperature
-55 to +125
° C
Junction Temperature
-40 to +125
° C
Soldering Temperature
260
° C
Overshoot (VIOVER)
VDD + 1.0 V (tOVER < 50 ns)
Undershoot (VIUNDER)
GND - 1.0 V (tUNDER < 50 ns)
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
° C
Power Supply Voltage (measured in respect to GND)
+3.0
3.3
3.6
V
Input pin
V
IOVER < VDD + 1.0 V
V
IUNDER < GND - 1.0 V
t
OVER < 50 ns
t
UNDER < 50 ns
V
DD
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com