Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8404D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8404D
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8404D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP8404D Datasheet HTML 1Page - National Semiconductor (TI) DP8404D Datasheet HTML 2Page - National Semiconductor (TI) DP8404D Datasheet HTML 3Page - National Semiconductor (TI) DP8404D Datasheet HTML 4Page - National Semiconductor (TI) DP8404D Datasheet HTML 5Page - National Semiconductor (TI) DP8404D Datasheet HTML 6Page - National Semiconductor (TI) DP8404D Datasheet HTML 7Page - National Semiconductor (TI) DP8404D Datasheet HTML 8Page - National Semiconductor (TI) DP8404D Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLF8535
PRELIMINARY
August 1989
DP8402ADP8403DP8404DP8405 32-Bit Parallel
Error Detection and Correction Circuits (EDAC’s)
General Description
The DP8402A DP8403 DP8404 and DP8405 devices are
32-bit parallel error detection and correction circuits
(EDACs) in 52-pin DP8402A and DP8403 or 48-pin DP8404
and DP8405 600-mil packages The EDACs use a modified
Hamming code to generate a 7-bit check word from a 32-bit
data word This check word is stored along with the data
word during the memory write cycle During the memory
read cycle the 39-bit words from memory are processed by
the EDACs to determine if errors have occurred in memory
Single-bit errors in the 32-bit data word are flagged and cor-
rected
Single-bit errors in the 7-bit check word are flagged and the
CPU sends the EDAC through the correction cycle even
though the 32-bit data word is not in error The correction
cycle will simply pass along the original 32-bit data word in
this case and produce error syndrome bits to pinpoint the
error-generating location
Double bit errors are flagged but not corrected These er-
rors may occur in any two bits of the 39-bit word from mem-
ory (two errors in the 32-bit data word two errors in the 7-bit
check word or one error in each word) The gross-error
condition of all lows or all highs from memory will be detect-
ed Otherwise errors in three or more bits of the 39-bit word
are beyond the capabilities of these devices to detect
Read-modify-write (byte-control) operations can be per-
formed with the DP8402A and DP8403 EDACs by using out-
put latch enable LEDBO and the individual OEB0 thru
OEB3 byte control pins
Diagnostics are performed on the EDACs by controls and
internal paths that allow the user to read the contents of the
DB and CB input latches These will determine if the failure
occurred in memory or in the EDAC
Features
Y
Detects and corrects single-bit errors
Y
Detects and flags double-bit errors
Y
Built-in diagnostic capability
Y
Fast write and read cycle processing times
Y
Byte-write capability
DP8402A and DP8403
Y
Fully pin and function compatible with TI’s
SN74ALS632A thru SN74ALS635 series
System Environment
TLF8535 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8404D

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
Scotch-Weld??Acrylic Adhesives
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
DP8406QV NSC-DP8406QV Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
DP8406V NSC-DP8406V Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
More results

Similar Description - DP8404D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
32-Bit Parallel Error Detection and Correction Circuit
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Intersil Corporation
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
ERROR DETECTION/ CORRECTION CIRCUIT
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
ERROR DETECTION/CORRECTION CIRCUIT
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
Radiation Hardened EDAC (Error Detection and Correction)
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com