Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8907N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8907N
Description  Phase-Locked Loop Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8907N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS8907N Datasheet HTML 1Page - National Semiconductor (TI) DS8907N Datasheet HTML 2Page - National Semiconductor (TI) DS8907N Datasheet HTML 3Page - National Semiconductor (TI) DS8907N Datasheet HTML 4Page - National Semiconductor (TI) DS8907N Datasheet HTML 5Page - National Semiconductor (TI) DS8907N Datasheet HTML 6Page - National Semiconductor (TI) DS8907N Datasheet HTML 7Page - National Semiconductor (TI) DS8907N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Timing Diagrams
ENABLE vs CLOCK
TLF7511 – 9
CLOCK vs DATA
TLF7511 – 10
AMFM Frequency Synthesizer (Scan Mode)
TLF7511 – 11
Timing diagrams are not drawn to scale Scale within any one drawing may not be consistent and intervals are defined positive as drawn
SERIAL DATA ENTRY INTO THE DS8907
Serial information entry into the DS8907 is enabled by a low
level on the ENABLE input One binary bit is then accepted
from the DATA input with each positive transition of the
CLOCK input The CLOCK input must be low for the speci-
fied time preceding and following the negative transition of
the ENABLE input
The first two bits accepted following the negative transition
of the ENABLE input are interpreted as address If these
address bits are
not 11 no further information will be ac-
cepted from the DATA inputs and the internal data latches
will not be changed when ENABLE returns high
If these first two bits
are 11 then all succeeding bits are
accepted as data and are shifted successively into the in-
ternal shift register as long as ENABLE remains low
Any data bits preceding the 18th to last bit will be shifted
out and thus are irrelevant Data bits are counted as any
bits
following two valid address bits (11) with the ENABLE
low When the ENABLE input returns high any further serial
data entry is inhibited Upon this positive transition the data
in the internal shift register is transferred into the internal
data latches Note that until this time the states of the inter-
nal data latches have remained unchanged
These data bits are interpreted as follows
Data Bit Position
Data Interpretation
Last
Bit 18 Output (Pin 2)
2nd to Last
Bit 17 Output (Pin 1)
3rd to Last
Bit 16 Output (FMAM) (Pin 20)
4th to Last
Bit 15 Output (Pin 19)
5th to Last
Bit 14 Output (Pin 18)
6th to Last
MSB of dN(212)
7th to Last
(211)
8th to Last
(210)
9th to Last
(29)
10th to Last
(28)
11th to Last
(27)
12th to Last
(26)
d
N
13th to Last
(25)
14th to Last
(24)
15th to Last
(23)
16th to Last
(22)
17th to Last
(21)
18th to Last
LSB of dN(20)
-
Note
The actual divide code is Na1 ie the number loaded plus 1
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com