Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS8907N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8907N
Description  Phase-Locked Loop Frequency Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8907N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8907N Datasheet HTML 1Page - National Semiconductor (TI) DS8907N Datasheet HTML 2Page - National Semiconductor (TI) DS8907N Datasheet HTML 3Page - National Semiconductor (TI) DS8907N Datasheet HTML 4Page - National Semiconductor (TI) DS8907N Datasheet HTML 5Page - National Semiconductor (TI) DS8907N Datasheet HTML 6Page - National Semiconductor (TI) DS8907N Datasheet HTML 7Page - National Semiconductor (TI) DS8907N Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF7511
July 1986
DS8907 AMFM Digital
Phase-Locked Loop Frequency Synthesizer
General Description
The DS8907 is a PLL synthesizer designed specifically for
use in AMFM radios It contains the reference oscillator a
phase comparator a charge pump a 120 MHz ECLI2L
dual modulus programmable divider and an 18-bit shift reg-
isterlatch for serial data entry The device is designed to
operate with a serial data controller generating the neces-
sary division codes for each frequency and logic state infor-
mation for radio function inputsoutputs
The Colpitts reference oscillator for the PLL operates at
4 MHz A chain of dividers is used to generate a 500 kHz
clock signal for the external controller Additional dividers
generate a 25 kHz reference signal for FM and a 10 kHz
reference signal for AM One of these reference signals is
selected by the data from the controller for use by the
phase comparator
Data is transferred between the frequency synthesizer and
the controller via a 3 wire bus system This consists of a
data input line an enable line and a clock line When the
enable line is low data can be shifted from the controller
into the frequency synthesizer When the enable line is tran-
sitioned from low to high data entry is disabled and data
present in the shift register is latched
From the controller 20-bit data stream the first 2 bits ad-
dress the device permitting other devices to share the same
bus Of the remaining 18-bit data word the next 13 bits are
used for the PLL divide code The remaining 5 bits are con-
nected via latches to output pins These 5 bits can be used
to drive radio functions such as gain mute FM AM and
stereo only These outputs are open collector Bit 16 is used
internally to select the AM or FM local oscillator input and to
select between the 10 kHz and 25 kHz reference A high
level at bit 16 indicates FM and a low level indicates AM
The PLL consists of a 13-bit programmable I2L divider an
ECL phase comparator an ECL dual modulus (ppa1) pre-
scaler and a high speed charge pump The programma-
ble divider divides by (Na1) N being the number loaded
into the shift register (bits 1 – 13 after address) It is clocked
by the AM input via an ECL d
prescaler or through a
d
prescaler from the FM input The AM input will work
at frequencies up to 15 MHz while the FM input works up to
120 MHz The AM band is tuned with a frequency resolution
of 10 kHz and the FM band is tuned with a resolution of
25 kHz The buffered AM and FM inputs are self biased and
can be driven directly by the VCO through a capacitor The
ECL phase comparator produces very accurate resolution
of the phase difference between the input signal and the
reference oscillator The high speed charge pump consists
of a switchable constant current source (b03 mA) and a
switchable constant current sink (a03 mA) If the VCO fre-
quency is low the charge pump will source current and sink
current if the VCO frequency is high When using an AFC
the charge pump output may be forced into TRI-STATE
by
applying a low level to the charge pump enable input
A separate VCCM pin (typically drawing 15 mA) powers the
oscillator and reference chain to provide controller clocking
frequencies when the balance of the PLL is powered down
Features
Y
Uses inexpensive 4 MHz reference crystal
Y
FIN capability greater than 120 MHz allows direct syn-
thesis at FM frequencies
Y
FM resolution of 25 kHz allows usage of 107 MHz ce-
ramic filter distribution
Y
Serial data entry for simplified control
Y
50 Hz output for ‘‘time-of-day’’ reference driven from
separate low power VCCM
Y
5-open collector buffered outputs for controlling various
radio functions
Y
Separate AM and FM inputs AM input has 15 mV (typi-
cal) hysteresis
Dual-In-Line Package
Connection Diagram
Order Number DS8907N
See NS Package Number
N20A
TLF7511 – 1
Top View
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8907N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
DS8906N NSC-DS8906N Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
DS8908BN NSC-DS8908BN Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
More results

Similar Description - DS8907N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
National Semiconductor ...
DS8906 NSC-DS8906 Datasheet
169Kb / 8P
AM/FM Digital Phase-Locked Loop Synthesizer
logo
NEC
UPD2819C NEC-UPD2819C Datasheet
310Kb / 4P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER CMOS LSI
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Texas Instruments
DS8908 TI1-DS8908 Datasheet
439Kb / 12P
DS8908B AM/FM Digital Phase-Locked Loop Frequency Synthesizer
logo
Z-Communications, Inc
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
logo
BOWEI Integrated Circui...
MPS-D BOWEI-MPS-D Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
logo
National Semiconductor ...
DS8908B NSC-DS8908B Datasheet
166Kb / 10P
AM/FM Digital Phase-Locked Loop Frequency Synthesizer
June 1990
logo
Toshiba Semiconductor
TA7310P TOSHIBA-TA7310P Datasheet
6Mb / 9P
FOR PHASE LOCKED LOOP FREQUENCY SYNTHESIZER.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com