Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148G Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS2148G Datasheet HTML 1Page - Dallas Semiconductor DS2148G Datasheet HTML 2Page - Dallas Semiconductor DS2148G Datasheet HTML 3Page - Dallas Semiconductor DS2148G Datasheet HTML 4Page - Dallas Semiconductor DS2148G Datasheet HTML 5Page - Dallas Semiconductor DS2148G Datasheet HTML 6Page - Dallas Semiconductor DS2148G Datasheet HTML 7Page - Dallas Semiconductor DS2148G Datasheet HTML 8Page - Dallas Semiconductor DS2148G Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
DS2148/Q48
2 of 75
DESCRIPTION
The DS2148 is a complete selectable E1 or T1 Line Interface Unit (LIU) for short- and long-haul
applications. Throughout the data sheet, J1 is represented wherever T1 exists. Receive sensitivity adjusts
automatically to the incoming signal and can be programmed for 0dB to 12dB or 0dB to 43dB for E1
applications and 0dB to 30dB or 0dB to 36dB for T1 applications. The device can generate the necessary
G.703 E1 waveshapes in 75Ω or 120Ω applications and DSX-1 line build outs or CSU line build outs of
0dB, -7.5dB, -15dB, and -22.5dB for T1 applications. The crystal-less onboard jitter attenuator requires
only a 2.048MHz MCLK for both E1 and T1 applications (with the option of using a 1.544MHz MCLK
in T1 applications). The jitter attenuator FIFO is selectable to either 32 bits or 128 bits in depth and can
be placed in either the transmit or receive data paths. An X 2.048MHz output clock synthesized to RCLK
is available for use as a backplane system clock (where n = 1, 2, 4, or 8). The DS2148 has diagnostic
capabilities such as loopbacks and PRBS pattern generation/detection. 16-bit loop-up and loop-down
codes can be generated and detected. The device can be controlled via an 8-bit parallel muxed or
nonmuxed port, serial port or used in hardware mode. The device fully meets all of the latest E1 and T1
specifications including ANSI T1.403-1999, ANSI T1.408, AT&T TR 62411, ITU G.703, G.704, G.706,
G.736, G.775, G.823, I.431, O.151, O.161, ETSI ETS 300 166, JTG.703, JTI.431, JJ-20.1, TBR12,
TBR13, and CTR4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com