Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2148G Datasheet(PDF) 41 Page - Dallas Semiconductor

Part # DS2148G
Description  5V E1/T1/J1 Line Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2148G Datasheet(HTML) 41 Page - Dallas Semiconductor

Back Button DS2148G Datasheet HTML 37Page - Dallas Semiconductor DS2148G Datasheet HTML 38Page - Dallas Semiconductor DS2148G Datasheet HTML 39Page - Dallas Semiconductor DS2148G Datasheet HTML 40Page - Dallas Semiconductor DS2148G Datasheet HTML 41Page - Dallas Semiconductor DS2148G Datasheet HTML 42Page - Dallas Semiconductor DS2148G Datasheet HTML 43Page - Dallas Semiconductor DS2148G Datasheet HTML 44Page - Dallas Semiconductor DS2148G Datasheet HTML 45Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 75 page
background image
DS2148/Q48
41 of 75
TRANSMIT CODE LENGTH Table 8-1
TC1
TC0
LENGTH SELECTED
0
0
5 bits
0
1
6 bits / 3 bits
1
0
7 bits
1
1
16 bits / 8 bits/4 bits / 2 bits / 1 bits
RECEIVE CODE LENGTH Table 8-2
RUP2/ RDN2
RUP1/ RDN1
RUP0/ RDN0
LENGTH
SELECTED
0
0
0
1 bits
0
0
1
2 bits
0
1
0
3 bits
0
1
1
4 bits
1
0
0
5 bits
1
0
1
6 bits
1
1
0
7 bits
1
1
1
16 bits/8 bits
TCD1 (0BH): TRANSMIT CODE DEFINITION REGISTER 1
(MSB)
(LSB)
C7
C6
C5
C4
C3
C2
C1
C0
SYMBOL
POSITION
DESCRIPTION
C7
TCD1.7
Transmit Code Definition Bit 7. First bit of the repeating
pattern.
C6
TCD1.6
Transmit Code Definition Bit 6.
C5
TCD1.5
Transmit Code Definition Bit 5.
C4
TCD1.4
Transmit Code Definition Bit 4.
C3
TCD1.3
Transmit Code Definition Bit 3.
C2
TCD1.2
Transmit Code Definition Bit 2. A Don’t Care if a 5-bit
length is selected.
C1
TCD1.1
Transmit Code Definition Bit 1. A Don’t Care if a 5 or 6 bit
length is selected.
C0
TCD1.0
Transmit Code Definition Bit 0. A Don’t Care if a 5, 6 or 7
bit length is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com