Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-285L Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. HSMS-285L Datasheet HTML 10Page - Broadcom Corporation. HSMS-285L Datasheet HTML 11Page - Broadcom Corporation. HSMS-285L Datasheet HTML 12Page - Broadcom Corporation. HSMS-285L Datasheet HTML 13Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Figure 17. Surface Mount Assembly Profile.
SMT Assembly
Reliable assembly of surface mount components is a
complex process that involves many material, process,
and equipment factors, including: method of heating
(e.g., IR or vapor phase reflow, wave soldering, etc.)
circuit board material, conductor thickness and pattern,
type of solder alloy, and the thermal conductivity and
thermal mass of components. Components with a low
mass, such as the SOT packages, will reach solder reflow
temperatures faster than those with a greater mass.
Avago’s diodes have been qualified to the time-tem-
perature profile shown in Figure 17. This profile is repre-
sentative of an IR reflow type of surface mount assembly
process.
After ramping up from room temperature, the circuit
board with components attached to it (held in place
with solder paste) passes through one or more preheat
Lead-Free Reflow Profile Recommendation (IPC/JEDEC J-STD-020C)
Reflow Parameter
Lead-Free Assembly
Average ramp-up rate (Liquidus Temperature (TS(max) to Peak)
3°C/ second max
Preheat
Temperature Min (TS(min))
150°C
Temperature Max (TS(max))
200°C
Time (min to max) (tS)
60-180 seconds
Ts(max) to TL Ramp-up Rate
3°C/second max
Time maintained above:
Temperature (TL)
217°C
Time (tL)
60-150 seconds
Peak Temperature (TP)
260 +0/-5°C
Time within 5 °C of actual
Peak temperature (tP)
20-40 seconds
Ramp-down Rate
6°C/second max
Time 25 °C to Peak Temperature
8 minutes max
Note 1: All temperatures refer to topside of the package, measured on the package body surface
25
Time
Tp
T L
tp
tL
t 25
° C to Peak
Ramp-up
ts
Ts min
Ramp-down
Preheat
Critical Zone
T L to Tp
Ts max
zones. The preheat zones increase the temperature of
the board and components to prevent thermal shock
and begin evaporating solvents from the solder paste.
The reflow zone briefly elevates the temperature suffi-
ciently to produce a reflow of the solder.
The rates of change of temperature for the ramp-up and
cool-down zones are chosen to be low enough to not
cause deformation of the board or damage to compo-
nents due to thermal shock. The maximum temperature
in the reflow zone (TMAX) should not exceed 260°C.
These parameters are typical for a surface mount assem-
bly process for Avago diodes. As a general guideline, the
circuit board and components should be exposed only to
the minimum temperatures and times necessary to achieve
a uniform reflow of solder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com