Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMS-285L Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HSMS-285L
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMS-285L Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HSMS-285L Datasheet HTML 5Page - Broadcom Corporation. HSMS-285L Datasheet HTML 6Page - Broadcom Corporation. HSMS-285L Datasheet HTML 7Page - Broadcom Corporation. HSMS-285L Datasheet HTML 8Page - Broadcom Corporation. HSMS-285L Datasheet HTML 9Page - Broadcom Corporation. HSMS-285L Datasheet HTML 10Page - Broadcom Corporation. HSMS-285L Datasheet HTML 11Page - Broadcom Corporation. HSMS-285L Datasheet HTML 12Page - Broadcom Corporation. HSMS-285L Datasheet HTML 13Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Outline 23 (SOT-23)
Outline SOT-323 (SC-70 3 Lead)
Part Number Ordering Information
No. of
Part Number
Devices
Container
HSMS-285x-TR2G
10000
13" Reel
HSMS-285x-TR1G
3000
7" Reel
HSMS-285x-BLK G
100
antistatic bag
where x = 0, 2, 5, B, C, L and P for HSMS-285x.
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com