Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC46083 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46083 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button HPC46083 Datasheet HTML 6Page - National Semiconductor (TI) HPC46083 Datasheet HTML 7Page - National Semiconductor (TI) HPC46083 Datasheet HTML 8Page - National Semiconductor (TI) HPC46083 Datasheet HTML 9Page - National Semiconductor (TI) HPC46083 Datasheet HTML 10Page - National Semiconductor (TI) HPC46083 Datasheet HTML 11Page - National Semiconductor (TI) HPC46083 Datasheet HTML 12Page - National Semiconductor (TI) HPC46083 Datasheet HTML 13Page - National Semiconductor (TI) HPC46083 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AC Electrical Specifications Test Conditions VCC e 45V and 55V (Unless Otherwise Specified) (Note 1)
Symbol
Parameter
Conditions
SBGRP 9
SBGRP 10
SBGRP 11
Units
Notes
a
25 C
a
125 C
b
55 C
Min
Max
Min
Max
Min
Max
fC e CKI Freq
Operating Frequency
2
20
2
20
2
20
MHz
(Note 5)
tCI e 1FC
Clock Period
50
50
50
ns
(Note 5)
tC e 2FC
Timing Cycle
100
100
100
ns
(Note 5)
tLL e
tC b 9
ALE Pulse Width
41
41
41
ns
(Note 6)
tST e
tC b 7
Address Valid to
18
18
18
ns
(Note 6)
ALE Falling Edge
tWAIT e tC e WS
Wait State Period
100
100
100
ns
(Note 5)
FMW e 00625 fC
External MICROWIREPLUS
125
125
125
MHz
(Note 6)
CLK Input Frequency
fU e 0125 fC
External UART
25
25
25
MHz
(Note 5)
Clock Input Frequency
tDCIC2
CK2 Delay From CK1
55
55
55
ns
(Note 6)
tARR e
tC b 5
ALE Falling Edge
20
20
20
ns
(Note 6)
to RD Falling Edge
tRW e
RD Pulse Width
140
140
140
ns
(Note 6)
tC a WS b 10
tDR e 34 tC b 15
Data Hold after
0
60
0
60
0
60
ns
(Note 6)
Rising Edge of RD
tRD e
RD Falling Edge to
85
85
85
ns
(Note 6)
tC a WS b 65
Data in Valid
tRDA e tC b 15
RD Rising Edge to
85
85
85
ns
(Note 6)
Address Valid
tVP e
tC b 5
Address Hold from
20
20
20
ns
(Note 6)
ALE Falling Edge
tARW e
tC b 5
ALE Trailing Edge
45
45
45
ns
(Note 6)
to WR Falling Edge
tWW e
tC a WS b 15
WR Pulse Width
160
160
160
ns
(Note 6)
tHW e
tC b 5
Data Hold after
20
20
20
ns
(Note 6)
Trailing Edge of WR
tV e
tC a WS b 5
Data Valid before
145
145
145
ns
(Note 6)
Rising Edge of WR
tDAR e
tC a WS b 50 Falling Edge of ALE
75
75
75
ns
(Note 6)
to Falling Edge of RDY
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com