Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC46083 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46083
Description  High-Performance microControllers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46083 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button HPC46083 Datasheet HTML 15Page - National Semiconductor (TI) HPC46083 Datasheet HTML 16Page - National Semiconductor (TI) HPC46083 Datasheet HTML 17Page - National Semiconductor (TI) HPC46083 Datasheet HTML 18Page - National Semiconductor (TI) HPC46083 Datasheet HTML 19Page - National Semiconductor (TI) HPC46083 Datasheet HTML 20Page - National Semiconductor (TI) HPC46083 Datasheet HTML 21Page - National Semiconductor (TI) HPC46083 Datasheet HTML 22Page - National Semiconductor (TI) HPC46083 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Interrupt Arbitration
The HPC16083 contains arbitration logic to determine which
interrupt will be serviced first if two or more interrupts occur
simultaneously The arbitration ranking is given in Table III
The interrupt on RESET has the highest rank and is serv-
iced first
Interrupt Processing
Interrupts are serviced after the current instruction is com-
pleted except for the RESET which is serviced immediately
RESET and EXUI are level-LOW-sensitive interrupts and EI
is programmable for edge-(RISING or FALLING) or level-
(HIGH or LOW) sensitivity All other interrupts are edge-sen-
sitive NMI is positive-edge sensitive The external interrupts
on I2 I3 and I4 can be software selected to be rising or
falling edge External interrupt (EXUI) is shared with the
UART interrupt This interrupt is level-low sensitive To se-
lect this interrupt disable the ERI and ETI UART interrupt
bits in the ENUI register To select the UART interrupt leave
this pin floating or tie it high
Interrupt Control Registers
The HPC16083 allows the various interrupt sources and
conditions to be programmed This is done through the vari-
ous control registers A brief description of the different con-
trol registers is given below
INTERRUPT ENABLE REGISTER (ENIR)
RESET and the External Interrupt on I1 are non-maskable
interrupts The other interrupts can be individually enabled
or disabled Additionally a Global Interrupt Enable Bit in the
ENIR Register allows the Maskable interrupts to be collec-
tively enabled or disabled Thus in order for a particular
interrupt to request service both the individual enable bit
and the Global Interrupt bit (GIE) have to be set
INTERRUPT PENDING REGISTER (IRPD)
The IRPD register contains a bit allocated for each interrupt
vector The occurrence of specified interrupt trigger condi-
tions causes the appropriate bit to be set There is no indi-
cation of the order in which the interrupts have been re-
ceived The bits are set independently of the fact that the
interrupts may be disabled IRPD is a ReadWrite register
The bits corresponding to the maskable external interrupts
are normally cleared by the HPC16083 after servicing the
interrupts
For the interrupts from the on-board peripherals the user
has the responsibility of resetting the interrupt pending flags
through software
The NMI bit is read only and I2 I3 and I4 are designed as to
only allow a zero to be written to the pending bit (writing a
one has no affect) A LOAD IMMEDIATE instruction is to be
the only instruction used to clear a bit or bits in the IRPD
register This allows a mask to be used thus ensuring that
the other pending bits are not affected
INTERRUPT CONDITION REGISTER (IRCD)
Three bits of the register select the input polarity of the
external interrupt on I2 I3 and I4
Servicing the Interrupts
The Interrupt once acknowledged pushes the program
counter (PC) onto the stack thus incrementing the stack
pointer (SP) twice The Global Interrupt Enable bit (GIE) is
copied into the CGIE bit of the PSW register it is then reset
thus disabling further interrupts The program counter is
loaded with the contents of the memory at the vector ad-
dress and the processor resumes operation at this point At
the end of the interrupt service routine the user does a
RETI instruction to pop the stack and re-enable interrupts if
the CGIE bit is set or RET to just pop the stack if the CGIE
bit is clear and then returns to the main program The GIE
bit can be set in the interrupt service routine to nest inter-
rupts if desired
Figure 18 shows the Interrupt Enable Logic
RESET
The RESET input initializes the processor and sets ports A
and B in the TRI-STATE condition and port P in the LOW
state RESET is an active-low Schmitt trigger input The
processor vectors to FFFFFFFE and resumes operation at
the address contained at that memory location (which must
correspond to an on board location) The Reset vector ad-
dress must be between E000 and FFFF when using the
HPC16003
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com