Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT574DBG8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 74FCT574DBG8
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT574DBG8 Datasheet(HTML) 5 Page - Integrated Device Technology

  74FCT574DBG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
5
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This limit is guaranteed but not tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - INDUSTRIAL
FCT574AT
FCT574CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
6.5
2
5.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
OutputDisableTime
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
—
2
—
ns
Dx to CP
tH
Hold Time, HIGH or LOW
1.5
—
1.5
—
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
5—
5
—
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE - MILITARY
FCT574T
FCT574AT
FCT574CT
Symbol Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
PropagationDelay
CL = 50pF
2
11
2
7.2
2
6.2
ns
tPHL
CP to Qx
RL = 500
Ω
tPZH
OutputEnableTime
1.5
14
1.5
7.5
1.5
6.2
ns
tPZL
tPHZ
OutputDisableTime
1.5
8
1.5
6.5
1.5
5.7
ns
tPLZ
tSU
Set-up Time, HIGH or LOW
2
—
2
—
2
—
ns
Dx to CP
tH
Hold Time, HIGH or LOW
1.5
—
1.5
—
1.5
—
ns
Dx to CP
tW
CP Pulse Width HIGH or LOW(3)
7
—
6—
6—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com