Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT574DBG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 74FCT574DBG8
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT574DBG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  74FCT574DBG8 Datasheet HTML 1Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 2Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 3Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 4Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 5Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 6Page - Integrated Device Technology 74FCT574DBG8 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
1
NOVEMBER 2016
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5494/7
FEATURES:
• Std., A, and C grades
• Low input and output leakage
≤≤≤≤≤1µA (max.)
• CMOS power levels
• True TTL input and output compatibility:
–VOH = 3.3V (typ.)
–VOL = 0.3V (typ.)
• High Drive outputs (-15mA IOH, 48mA IOL)
• Meets or exceeds JEDEC standard 18 specifications
• Military product compliant to MIL-STD-883, Class B and DESC
listed (dual marked)
• Power off disable outputs permit "live insertion"
• Available in the following packages:
– Industrial: SOIC, QSOP
– Military: CERDIP, LCC
FUNCTIONAL BLOCK DIAGRAM
IDT54/74FCT574T/AT/CT
FAST CMOS OCTAL D
REGISTERS (3-STATE)
DESCRIPTION:
The FCT574T is an 8-bit register built using an advanced dual metal
CMOS technology. These registers consist of eight D-type flip-flops with a
bufferedcommonclockandbuffered3-stateoutputcontrol.Whentheoutput
enable (OE) input is low, the eight outputs are enabled. When the OE input
is high, the outputs are in the high-impedance state.
Input data meeting the set-up and hold time requirements of the D inputs
is transferred to the Q outputs on the low-to-high transition of the clock input.
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
CP
OE
D
Q
CP
D
CP
D
CP
D
CP
D
CP
D
CP
D
CP
D
CP
QQQ
Q
Q
QQ


Similar Part No. - 74FCT574DBG8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74FCT574 NSC-74FCT574 Datasheet
145Kb / 7P
Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 74FCT574DBG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com