Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49413 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # AMT49413
Description  3-Phase BLDC Controller and MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button AMT49413 Datasheet HTML 9Page - Allegro MicroSystems AMT49413 Datasheet HTML 10Page - Allegro MicroSystems AMT49413 Datasheet HTML 11Page - Allegro MicroSystems AMT49413 Datasheet HTML 12Page - Allegro MicroSystems AMT49413 Datasheet HTML 13Page - Allegro MicroSystems AMT49413 Datasheet HTML 14Page - Allegro MicroSystems AMT49413 Datasheet HTML 15Page - Allegro MicroSystems AMT49413 Datasheet HTML 16Page - Allegro MicroSystems AMT49413 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power
All supply connections to the AMT49413 should have capaci-
tors mounted between the supply pins and the ground pin. These
capacitors will provide the transient currents which occur during
switching and decouple any voltage transients on the pin from the
main supply.
VBB. Decouple with at least a 100 nF ceramic capacitor mounted
between the VBB pin and the AGND pin. A larger electrolytic
capacitor, typically 10 µF, in parallel with the ceramic capacitor
is also recommended.
VREG. Supplies current for the gate-drive circuit. As the gates
are driven high, they require current from an external capaci-
tor connected to VREG to support the transients. This capacitor
should be placed as close as possible to the VREG pin with the
ground connection close to the AGND pin. Its value should be at
least 20 times larger than the bootstrap capacitor. The capacitor
should have a very low series resistance (ESR) and inductance
(ESL) to avoid large voltage drops during the initial transient.
The optimum capacitor type is a high quality ceramic such as
X7R.However,whentherequiredcapacitanceistoolarge,an
aluminium electrolytic capacitor may be used, with a smaller
ceramiccapacitor(≈100nF)inparallel.
V5. When the 5V regulator is used with an external pass transis-
tor to provide power to other circuits, a 10 µF decoupling capaci-
tor should be connected between the V5 pin and AGND as close
to the pins as possible. If an electrolytic capacitor is used, then a
100 nF ceramic capacitor should be added in parallel. To improve
stability, a 100 nF capacitor also should be connected between
the V5BD pin and AGND. If 5V is not required for external cir-
cuits, the external pass transistor may be omitted, but in that case,
V5 must connected directly to V5BD and decoupled with at least
a 220 nF capacitor between V5 and AGND.
AGND. The AMT49413 has a single ground connection at the
AGND pin. The design ensures that only the operating current
for the controller stage passes through this pin. The charge and
discharge current for the external FETs does not pass though this
pin. The AGND pin is the ground reference for the current trip
threshold, the VDS monitor threshold, and the timing components.
It should therefor be kept as quiet as possible. A suggested ground
connection scheme is described in the layout section below.
Power Dissipation. In applications where a high ambient tem-
perature is expected the on-chip power dissipation may become
a critical factor. Careful attention should be paid to ensure the
operating conditions allow the AMT49413 to remain in a safe
range of junction temperature.
The power consumed, PTOT, by the AMT49413 can be estimated
using the following formulas:
PTOT = PBIAS+PCPUMP+PSWITCHING,
PBIAS = VBB × IBB,
where IBB is 3 mA, typical, and
PCPUMP = (2 × VBB–VREG) × IAV
where VBB < 15 V, or
PCPUMP = (VBB–VREG) × IAV
where VBB > 15 V, and
IAV = QGATE × N × fPWM,
PSWITCHING = QGATE × VREG × N × fPWM × Ratio
where N = 2 for slow decay, or N = 4 for fast decay, and
Ratio = 10/(RGATE+10)
Bootstrap Capacitors
Bootstrap Capacitor Selection. The value for CBOOT must
be correctly selected to ensure proper operation of the device. If
the value is too large, time will be wasted charging the capaci-
tor, resulting in a limit on the maximum duty cycle and PWM
frequency. If the value is too small, there can be a large voltage
drop at the time when the charge is transferred from CBOOT to the
MOSFET gate.
To keep the voltage drop small, QBOOT
≫QGATE.Afactorof20is
a reasonable value. To calculate CBOOT, the following formulas
can be used:
QBOOT = CBOOT × VBOOT,
= QGATE × 20,
therefore
CBOOT = QGATE × 20 / VBOOT
The voltage drop on the Cx pin as the MOSFET is being turned
on can be approximated by:
ΔV=QGATE / CBOOT
Bootstrap Charging. It is good practice to ensure that the
high-side bootstrap capacitor, CBOOT, is completely charged
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com