Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT49413 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # AMT49413
Description  3-Phase BLDC Controller and MOSFET Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

AMT49413 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button AMT49413 Datasheet HTML 13Page - Allegro MicroSystems AMT49413 Datasheet HTML 14Page - Allegro MicroSystems AMT49413 Datasheet HTML 15Page - Allegro MicroSystems AMT49413 Datasheet HTML 16Page - Allegro MicroSystems AMT49413 Datasheet HTML 17Page - Allegro MicroSystems AMT49413 Datasheet HTML 18Page - Allegro MicroSystems AMT49413 Datasheet HTML 19Page - Allegro MicroSystems AMT49413 Datasheet HTML 20Page - Allegro MicroSystems AMT49413 Datasheet HTML 21Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
3-Phase BLDC Controller and MOSFET Driver
AMT49413
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
EV Package
PINOUT DIAGRAM AND TERMINAL LIST
Number
Name
Description
1
N.C.
No connection
2
RESET
Control for sleep mode
3
V5BD
5V regulator base drive
4
V5
5V regulator reference
5
FF2
Fault flag 2
6
FF1
Fault flag 1
7
TACHO
Speed output
8
BRAKE
Brake input
9
DIR
Direction control input
10
H1
Hall sensor input
11
H2
Hall sensor input
12
H3
Hall sensor input
13
N.C.
No connection
14
PWM
Control input
15
MODE
Decay control input
16
RC
PWM oscillator control input
17
TEST
Test pin; tie to AGND
18
RDEAD
Dead time setting
19
CSOUT
Current sense output
20
REF
Current limit setting
21
CSN
Current sense input –
22
CSP
Current sense input +
23
VDSTH
Fault threshold voltage
24
VDRAIN
High-side drain voltage sense
Number
Name
Description
25
SC
Motor connection phase C
26
GHC
High-side gate drive phase C
27
CC
Bootstrap capacitor phase C
28
SB
Motor connection phase B
29
GHB
High-side gate drive phase B
30
CB
Bootstrap capacitor phase B
31
SA
Motor connection phase A
32
GHA
High-side gate drive phase A
33
CA
Bootstrap capacitor phase A
34
GLC
Low-side gate drive phase C
35
GLB
Low-side gate drive phase B
36
GLA
Low-side gate drive phase A
37
N.C.
No connection
38
LSS
Low-side source
39
ESF
Enable stop on fault input
40
VREG
Gate drive supply output
41
AGND
Analog ground
42
CP1
Pump capacitor
43
CP2
Pump capacitor
44
DIRO
Direction output
45
VBB
Supply voltage
46
COAST
Coast input
47
N.C.
No connection
48
N.C.
No connection
–
Pad
Thermal dissipation, tie to AGND
Terminal List Table
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
GLA
GLB
GLC
CA
GHA
SA
CB
GHB
SB
CC
GHC
SC
NC
RESET
V5BD
V5
FF2
FF1
TACHO
BRAKE
DIR
H1
H2
H3
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com