Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button F2255 Datasheet HTML 2Page - Integrated Device Technology F2255 Datasheet HTML 3Page - Integrated Device Technology F2255 Datasheet HTML 4Page - Integrated Device Technology F2255 Datasheet HTML 5Page - Integrated Device Technology F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology F2255 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
6
REV 4, January 2017
F2250NLGK
Datasheet
TYPICAL OPERATING CONDITIONS
[S2P BROADBAND PERFORMANCE] (-1-)
Attenuation vs. VCTRL
Min. & Max. Attenuation vs. Frequency
Attenuation vs. Frequency
Attenuation Delta to 25C vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2 2.4 2.6
V
CTRL (V)
0.9GHz / Vmode = 0V
0.9GHz / Vmode = 3V
2.0GHz / Vmode = 0V
2.0GHz / Vmode = 3V
3.0GHz / Vmode = 0V
3.0GHz / Vmode = 3V
-50
-45
-40
-35
-30
-25
-20
-6
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
9
Frequency (GHz)
-40C / Vctrl = 0.0V
25C / Vctrl = 0.0V
105C / Vctrl = 0.0V
-40C / Vctrl = 3.0V
25C / Vctrl = 3.0V
105C / Vctrl = 3.0V
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9
Frequency (GHz)
Vctrl = 0.0V
Vctrl = 0.8V
Vctrl = 1.0V
Vctrl = 1.2V
Vctrl = 1.4V
Vctrl = 1.6V
Vctrl = 1.8V
Vctrl = 2.4V
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
V
CTRL (V)
-40C / 0.9GHz
-40C / 2.0GHz
-40C / 3.0GHz
105C / 0.9GHz
105C / 2.0GHz
105C / 3.0GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com