Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2255 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F2255
Description  Voltage Variable RF Attenuator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2255 Datasheet(HTML) 1 Page - Integrated Device Technology

  F2255 Datasheet HTML 1Page - Integrated Device Technology F2255 Datasheet HTML 2Page - Integrated Device Technology F2255 Datasheet HTML 3Page - Integrated Device Technology F2255 Datasheet HTML 4Page - Integrated Device Technology F2255 Datasheet HTML 5Page - Integrated Device Technology F2255 Datasheet HTML 6Page - Integrated Device Technology F2255 Datasheet HTML 7Page - Integrated Device Technology F2255 Datasheet HTML 8Page - Integrated Device Technology F2255 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Voltage Variable RF Attenuator
50MHz to 6000MHz
Voltage Variable RF Attenuator
1
REV 4, January 2017
F2250NLGK
Datasheet
GENERAL DESCRIPTION
The F2250 is a low insertion loss Voltage Variable RF
Attenuator (VVA) designed for a multitude of wireless
and other RF applications. This device covers a broad
frequency range from 50MHz to 6000MHz. In addition
to providing low insertion loss, the F2250 provides
excellent linearity performance over its entire voltage
control and attenuation range.
The F2250 uses a single positive supply voltage of
3.15V to 5.25V. Other features include the VMODE pin
allowing either positive or negative voltage control
slope vs attenuation and multi-directional operation
meaning the RF input can be applied to either RF1 or
RF2 pins. Control voltage ranges from 0V to 3.6V
using either positive or negative control voltage slope.
COMPETITIVE ADVANTAGE
F2250 provides extremely low insertion loss and superb
IP3, IP2, Return Loss and Slope Linearity across the
control range. Comparing to the previous state-of-the-
art for silicon VVAs this device is better as follows:
Insertion Loss @ 2000MHz: 1.4dB vs. 2.8dB
Insertion Loss @ 6000MHz: 2.7dB vs. 7dB
Maximum Attenuation Slope: 33dB/Volt vs. 53dB/Volt
Minimum Return Loss up to 6000MHz: 12.5dB vs. 7dB
Minimum Output IP3: 31dBm vs. 15dBm
Minimum Input IP2: 87dBm vs. 80dBm
Maximum Operating Temperature: +105°C vs. +85°C
APPLICATIONS
Base Station 2G, 3G, 4G
Portable Wireless
Repeaters and E911 systems
Digital Pre-Distortion
Point to Point Infrastructure
Public Safety Infrastructure
WIMAX Receivers and Transmitters
Military Systems, JTRS radios
RFID handheld and portable readers
Cable Infrastructure
Wireless LAN
Test / ATE Equipment
FEATURES
Low Insertion Loss: 1.4dB @ 2000MHz
Typical / Min IIP3: 65dBm / 47dBm
Typical / Min IIP2: 95dBm / 87dBm
33.6dB Attenuation Range
Bi-directional RF ports
+34.4dBm Input P1dB compression
VMODE pin allows either positive or negative
attenuation control response
Linear-in-dB attenuation characteristic
Supply voltage: 3.15V to 5.25V
VCTRL range: 0V to 3.6V using 5V supply
+105°C max operating temperature
3mm x 3mm, 16-pin QFN package
DEVICE BLOCK DIAGRAM
ORDERING INFORMATION
PART# MATRIX
Part#
RF Freq
Range (MHz)
Insertion Loss (dB)
IIP3
(dBm)
Pinout
Compatibility
F2250
50 - 6000
1.4 (at 2GHz)
+65
RFMD
F2255
1 - 3000
1.1 (at 500MHz)
+60
F2258
50 - 6000
1.4 (at 2GHz)
+65
Hittite
RF1
RF2
Control
F2250NLGK8
0.9 mm height
package
Green
Temp Range
Tape &
Reel
RF Product Line


Similar Part No. - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2255 IDT-F2255 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Integrated Device Techn...
F2255NLGI IDT-F2255NLGI Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
F2255NLGI8 IDT-F2255NLGI8 Datasheet
94Kb / 3P
PRODUCT/PROCESS CHANGE NOTICE (PCN)
More results

Similar Description - F2255

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
F2258 IDT-F2258 Datasheet
2Mb / 24P
Voltage Variable RF Attenuator
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
Voltage Variable Attenuator
MVA-2000 MINI-MVA-2000 Datasheet
442Kb / 3P
Voltage Variable Attenuator
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
Voltage Variable RF Attenuator
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com