Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF1752TH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDF1752TH
Description  N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1752TH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDF1752TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mar 2016. Version 2.1
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
RoHS Status
MDF1752TH
-55~150
oC
TO-220F
Tube
Halogen Free
Electrical Characteristics (TJ =25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 250μA, VGS = 0V
40
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.0
1.7
3.0
Zero Gate Voltage Drain Current
IDSS
VDS = 32V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±20V, VDS = 0V
-
-
0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 14A
-
6.1
8.0
mΩ
VGS = 4.5V, ID = 11A
-
8.2
10.5
Forward Transconductance
gFS
VDS = 5V, ID = 14A
-
58
-
S
Dynamic
Characteristics
Total Gate Charge
Qg
VDS = 20V, ID = 14A, VGS = 10V
-
26.4
-
nC
Gate-Source Charge
Qgs
-
3.6
-
Gate-Drain Charge
Qgd
-
6.8
-
Input Capacitance
Ciss
VDS = 20V, VGS = 0V, f = 1.0MHz
-
1480
-
pF
Reverse Transfer Capacitance
Crss
-
113
-
Output Capacitance
Coss
-
243
-
Turn-On
Delay Time
td(on)
VGS = 10V ,VDS = 20V, ID = 1A ,
RGEN = 6Ω
-
9
-
ns
Turn-On Rise Time
tr
-
21
-
Trun-Off Delay Time
td(off)
-
31
-
Trun-Off Fall Time
tf
-
18
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 14A, VGS = 0V
-
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 14A, di/dt = 100A/μs
-
26
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
11
-
nC
Note :
1. PD is based on TJ(MAX)=150°C
a. PD (TC=25°C) is based on RθJC,
b. PD (TA=25°C) is based on RθJA
2. Starting TJ=25°C, L=1mH, IAS=17.5A, VDD=40V, VGS=10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com