Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF1752TH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDF1752TH
Description  N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1752TH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDF1752TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1752TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Mar 2016. Version 2.1
MagnaChip Semiconductor Ltd.
3
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
20
40
60
80
100
V
GS, Gate-Source Voltage [V]
T
A=125
℃
25
℃
-55
℃
※ Notes :
V
DS = 5V
Fig.5 Transfer Characteristics
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
※ Notes :
1. V
GS = 10 V
2. I
D = 14 A
T
J, Junction Temperature [
oC]
0.2
0.4
0.6
0.8
1.0
1.2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
-55
℃
T
A=125
℃
※ Notes :
V
GS = 0V
25
℃
V
SD, Source-Drain voltage [V]
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80
100
V
GS = 10V
6.0V
5.0V
4.5V
4.0V
3.5V
3.0V
V
DS, Drain-Source Voltage [V]
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
10V
6.0V
5.0V
4.5V
4.0V
3.5V
V
GS = 3V
I
D, Drain Current [A]
2
4
6
8
10
5.0
7.5
10.0
12.5
15.0
17.5
20.0
T
A = 25
℃
T
A = 125
℃
V
GS, Gate to Source Volatge [V]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com