Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF1921 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF1921
Description  Single N-channel Trench MOSFET 100V, 60A, 4.8m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1921 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF1921 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1921 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1921 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1921 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1921 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1921 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mar. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC
ID
60
A
TC=100
oC
38
Pulsed Drain Current
IDM
240
Power Dissipation
TC=25
oC
PD
36
W
TC=100
oC
15
Single Pulse Avalanche Energy
(2)
EAS
200
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
3.5
MDF1921
Single N-channel Trench MOSFET 100V, 60A, 4.8m
Ω
Features
VDS = 100V
ID = 60A @VGS = 10V
RDS(ON)
< 4.8
mΩ @VGS = 10V
100% UIL Tested
100% Rg Tested
General Description
The MDF1921 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDF1921 is suitable device for Synchronous
Rectification for Server / Adapter and general purpose
applications.
TO-220F
D
G
S


Similar Part No. - MDF1921

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF1922 MGCHIP-MDF1922 Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
MDF1922TH MGCHIP-MDF1922TH Datasheet
935Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 8.7m(ohm)
More results

Similar Description - MDF1921

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD1902 MGCHIP-MDD1902 Datasheet
904Kb / 6P
Single N-channel Trench MOSFET 100V, 40A, 28m(ohm)
MDD1904 MGCHIP-MDD1904 Datasheet
1,023Kb / 6P
Single N-channel Trench MOSFET 100V, 10.8A, 140m(ohm)
MDP1901 MGCHIP-MDP1901 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 100V, 36A, 22m(ohm)
MDP1922 MGCHIP-MDP1922 Datasheet
929Kb / 6P
Single N-channel Trench MOSFET 100V, 97A, 8.4m(ohm)
MDE10N026RH MGCHIP-MDE10N026RH Datasheet
900Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.6m(ohm)
MDP10N027 MGCHIP-MDP10N027 Datasheet
930Kb / 6P
Single N-channel Trench MOSFET 100V, 120A, 2.8m(ohm)
MDP10N055 MGCHIP-MDP10N055 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 100V, 120A, 5.5m(ohm)
MDV10N1K1 MGCHIP-MDV10N1K1 Datasheet
948Kb / 5P
Single N-channel Trench MOSFET 100V, 12.3A, 110m(ohm)
logo
Thinki Semiconductor Co...
IXTP60N10T THINKISEMI-IXTP60N10T Datasheet
1Mb / 7P
60A,100V Heatsink Trench N-Channel Power MOSFET
SUP60N10 THINKISEMI-SUP60N10 Datasheet
1Mb / 7P
60A,100V Heatsink Trench N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com