Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF1933TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF1933TH
Description  Single N-channel Trench MOSFET 80V, 43A, 7.5m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF1933TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF1933TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF1933TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF1933TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF1933TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF1933TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF1933TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Nov. 2014. Rev 1.0
1
MagnaChip Semiconductor Ltd.
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
80
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(1)
TC=25
oC (Silicon Limited)
ID
43
A
TC=100
oC
27
Pulsed Drain Current
IDM
173
Power Dissipation
TC=25
oC
PD
27.7
W
TC=100
oC
11.1
Single Pulse Avalanche Energy
(2)
EAS
144.5
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
4.5
MDF1933
Single N-channel Trench MOSFET 80V, 43A, 7.5m
Ω
Features
VDS = 80V
ID = 43A @VGS = 10V
RDS(ON)
< 7.5
mΩ @VGS = 10V
100% UIL Tested
General Description
The MDF1933 uses advanced MagnaChip
’s MOSFET
Technology, which provides high performance in on-state
resistance, fast switching performance and excellent
quality. MDF1933 is suitable device for Synchronous
Rectification for Server / Adapter and general purpose
applications.
.
TO-220F
D
G
S


Similar Part No. - MDF1933TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF1933TH ISC-MDF1933TH Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - MDF1933TH

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP80N08K SEMIHOW-HRP80N08K Datasheet
944Kb / 8P
80V N-Channel Trench MOSFET
HRP85N08K SEMIHOW-HRP85N08K Datasheet
781Kb / 8P
80V N-Channel Trench MOSFET
logo
MagnaChip Semiconductor...
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDE1932 MGCHIP-MDE1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP15N075 MGCHIP-MDP15N075 Datasheet
862Kb / 6P
Single N-channel Trench MOSFET 150V, 120A, 7.5m(ohm)
MDP1930 MGCHIP-MDP1930 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 2.5m(ohm)
MDP1932 MGCHIP-MDP1932 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 120A, 3.4m(ohm)
MDP1933 MGCHIP-MDP1933 Datasheet
987Kb / 6P
Single N-channel Trench MOSFET 80V, 105A, 7.0m(ohm)
MDU1931 MGCHIP-MDU1931 Datasheet
1Mb / 6P
Single N-channel Trench MOSFET 80V, 100A, 3.6m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com