Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ2Q-CSSPSKP0 Datasheet(PDF) 4 Page - SICK AG

Part # MZ2Q-CSSPSKP0
Description  SENSORS FOR C-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MZ2Q-CSSPSKP0 Datasheet(HTML) 4 Page - SICK AG

  MZ2Q-CSSPSKP0 Datasheet HTML 1Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 2Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 3Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 4Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 5Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MZ2Q-CSSPSKP0 | MZ2Q-C
SENSORS FOR C-SLOT CYLINDERS
Dimensional drawing (Dimensions in mm (inch))
Cable with connector M8
8.9
(0.35)
19.5 (0.77)
2.95
(0.12)
2.95
(0.12)
0.5
(0.02)
4.4
(0.17)
29 ... 37 (1.14 ... 1.46)
1
2
7
8
6 3
4 5
30 (3.15)
①  Center of sensor element
②  Fixing screw
③  Indication LED
④  Teach-in button
⑤  Indication LED
⑥  Ribbing for cable ties
⑦  For SMC/ Bimba cylinder
⑧  For festo cylinder
Recommended accessories
Other models and accessories
www.sick.com/MZ2Q-C
Brief description
Type
Part no.
Brackets for cylinder sensors
1 piece, Mounting bracket on round body cylinder with piston diameter of 12 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-12
2077673
1 piece, Mounting bracket on round body cylinder with piston diameter of 16 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-16
2077672
1 piece, Mounting bracket on round body cylinder with piston diameter of 20 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-20
2077671
1 piece, Mounting bracket on round body cylinder with piston diameter of 25 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-25
2077670
1 piece, Mounting bracket on round body cylinder with piston diameter of 32 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-32
2077669
1 piece, Mounting bracket on round body cylinder with piston diameter of 40 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-40
2077668
1 piece, Mounting bracket on round body cylinder with piston diameter of 50 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-50
2077667
1 piece, Mounting bracket on round body cylinder with piston diameter of 63 mm, ambi-
ent temperature min 0 °C max 50 °C, Plastic, Aluminum
BEF-KHZ-RC-63
2077666
4
MAGNETIC CYLINDER SENSORS | SICK
Online data sheet | 2017-05-04 16:20:10
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com