Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ2Q-CSSPSKP0 Datasheet(PDF) 5 Page - SICK AG

Part # MZ2Q-CSSPSKP0
Description  SENSORS FOR C-SLOT CYLINDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MZ2Q-CSSPSKP0 Datasheet(HTML) 5 Page - SICK AG

  MZ2Q-CSSPSKP0 Datasheet HTML 1Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 2Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 3Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 4Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 5Page - SICK AG MZ2Q-CSSPSKP0 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MZ2Q-CSSPSKP0 | MZ2Q-C
SENSORS FOR C-SLOT CYLINDERS
Brief description
Type
Part no.
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
130 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-130
2077686
1 piece, Mounting bracket on round body cylinder with piston diameter of 1 mm ...
25 mm, ambient temperature min –30 °C max 80 °C, Stainless steel, Aluminum
BEF-KHZ-RC1-25
2077685
Mounting bracket for mounting on SMC rails CDQ2 (C-slot), Aluminum
BEF-KHZ-TC2
2046442
Mounting bracket for mounting on SMC rails ECDQ2 (C-slot), Aluminum, without mount-
ing hardware
BEF-KHZ-TC1
2046441
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-G02M
6009870
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0804-G05M
6009872
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-W02M
6009871
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0804-W05M
6009873
Head A: female connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
DOS-0804-G
6009974
Head A: female connector, M8, 4-pin, angled
Head B: -
Cable: unshielded
DOS-0804-W
6009975
Head A: male connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
STE-0804-G
6037323
2017-05-04 16:20:10 | Online data sheet
Subject to change without notice
MAGNETIC CYLINDER SENSORS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com