Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF3752TH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDF3752TH
Description  P-Channel Trench MOSFET, -40V, -36.5A, 17m(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF3752TH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDF3752TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF3752TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF3752TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF3752TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF3752TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF3752TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
April 2015. Version 1.1
MagnaChip Semiconductor Ltd.
1
D
G
S
Absolute Maximum Ratings (TC =25
o)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(Note 1)
TC=25
oC
ID
-36.5
A
TC=100
oC
-23.1
A
Pulsed Drain Current
IDM
-90
A
Power Dissipation
TC=25
oC
PD
35.7
W
TC=100
oC
14.3
Single Pulse Avalanche Energy
(Note 2)
EAS
128
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~+150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
RθJA
62.5
oC/W
Thermal Resistance, Junction-to-Case
RθJC
3.5
MDF3752
P-Channel Trench MOSFET, -40V, -36.5A, 17m
Ω
General Description
The
MDF3752
uses
advanced
MagnaC
hip’s Trench
MOSFET Technology to provided high performance in on-
state resistance, switching performance and reliability.
Low RDS(ON), Low Gate Charge can be offering superior
benefit in the application.
Applications
Inverters
General purpose applications
Features
VDS = -40V
ID = -36.5A @VGS = -10V
RDS(ON)
< 17m
Ω
@ VGS = -10V
< 25m
Ω
@ VGS = -4.5V
D
G
S
G
S


Similar Part No. - MDF3752TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
More results

Similar Description - MDF3752TH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD4685 FAIRCHILD-FDD4685 Datasheet
402Kb / 6P
40V P-Channel PowerTrench MOSFET -40V -32A 27m ohm
logo
MagnaChip Semiconductor...
MDD3752 MGCHIP-MDD3752 Datasheet
782Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3752A MGCHIP-MDD3752A Datasheet
897Kb / 6P
P-Channel Trench MOSFET, -40V, -43A, 17m(ohm)
MDD3754 MGCHIP-MDD3754 Datasheet
688Kb / 6P
P-Channel Trench MOSFET, -40V, -24.4A, 43m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDS1651 MGCHIP-MDS1651 Datasheet
647Kb / 6P
Single N-Channel Trench MOSFET 30V, 11.6A, 17m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS3753E MGCHIP-MDS3753E Datasheet
798Kb / 6P
P-Channel Trench MOSFET, -40V, -7.1A, 30m(ohm)
MDS3754A MGCHIP-MDS3754A Datasheet
814Kb / 6P
P-Channel Trench MOSFET, -40V, -6.0A, 45m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com