Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDP35N60B Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDP35N60B
Description  IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP35N60B Datasheet(HTML) 4 Page - IXYS Corporation

  IXDP35N60B Datasheet HTML 1Page - IXYS Corporation IXDP35N60B Datasheet HTML 2Page - IXYS Corporation IXDP35N60B Datasheet HTML 3Page - IXYS Corporation IXDP35N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
IXDP 35N60 B
IXDH 35N60 B
IXDH 35N60 BD1
Fig. 7 Typ. turn on energy and switching
Fig. 8 Typ. turn off energy and switching
times versus collector current
times versus collector current
Fig. 9 Typ. turn on energy and switching
Fig.10 Typ. turn off energy and switching
times versus gate resistor
times versus gate resistor
Fig. 11 Reverse biased safe operating area
Fig. 12 Typ. transient thermal impedance
RBSOA
10
20
30
40
50
60
0
1
2
3
4
0
20
40
60
80
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
0
100
200
300
400
10-5
10-4
10-3
10-2
10-1
100
101
0.001
0.01
0.1
1
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
0
200
400
600
800
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
0
15
30
45
60
single pulse
V
CE = 300V
V
GE = ±15V
R
G = 10W
T
J = 125°C
IXDH30N60B
V
CE = 300V
V
GE = ±15V
I
C
= 35A
T
J = 125°C
0
100
200
300
400
500
600
700
0
20
40
60
80
100
120
R
G = 10 W
T
J = 125°C
V
CE = 300V
V
GE = ±15V
R
G = 10W
T
J = 125°C
E
on
V
CE = 300V
V
GE = ±15V
I
C
= 35A
T
J = 125°C
t
d(on)
t
r
E
off
t
d(off)
t
f
E
on
t
d(on)
t
r
E
off
t
d(off)
t
f
I
C
A
I
C
A
E
off
E
on
t
t
R
G
W
R
G
W
V
CE
t
s
mJ
E
on
mJ
E
off
ns
t
ns
t
I
CM
K/W
Z
thJC
IGBT
diode
V
A
mJ
ns
ns
mJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com