Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDP35N60B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDP35N60B
Description  IGBT with optional Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDP35N60B Datasheet(HTML) 1 Page - IXYS Corporation

  IXDP35N60B Datasheet HTML 1Page - IXYS Corporation IXDP35N60B Datasheet HTML 2Page - IXYS Corporation IXDP35N60B Datasheet HTML 3Page - IXYS Corporation IXDP35N60B Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 IXYS All rights reserved
1 - 4
Symbol
Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 150°C
600
V
V
CGR
T
J
= 25°C to 150°C; R
GE = 20 k
W
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
60
A
I
C90
T
C = 90°C
35
A
I
CM
T
C = 90°C, tp =1 ms
70
A
RBSOA
V
GE = ±15 V, TJ = 125°C, RG = 10
W
I
CM = 110
A
Clamped inductive load, L = 30 µH
V
CEK < VCES
t
SC
V
GE = ±15 V, VCE =
600 V, T
J = 125°C
10
µs
(SCSOA)
R
G = 10
W, non repetitive
P
C
T
C = 25°C
IGBT
250
W
Diode
80
W
T
J
-55 ... +150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque
TO-220
0.4 - 0.6
Nm
TO-247
0.8 - 1.2
Nm
Weight
6g
V
CES
= 600 V
I
C25
= 60 A
V
CE(sat) typ = 2.1 V
Features
q
NPT IGBT technology
q
low switching losses
q
low tail current
q
no latch up
q
short circuit capability
q
positive temperature coefficient for
easy paralleling
q
MOS input, voltage controlled
q
optional ultra fast diode
q
International standard package
Advantages
q
Space savings
q
High power density
Typical Applications
q
AC motor speed control
q
DC servo and robot drives
q
DC choppers
q
Uninteruptible power supplies (UPS)
q
Switch-mode and resonant-mode
power supplies
IGBT
with optional Diode
High Speed,
Low Saturation Voltage
IXDP 35N60 B
IXDH 35N60 B
IXDH 35N60 BD1
Symbol
Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
(BR)CES
V
GE = 0 V
600
V
V
GE(th)
I
C
= 0.7 mA, V
CE = VGE
35
V
I
CES
V
CE
= V
CES
T
J = 25°C
0.1 mA
T
J = 125°C
1
mA
I
GES
V
CE
= 0 V, V
GE = ± 20 V
± 500
nA
V
CE(sat)
I
C
= 35 A, V
GE = 15 V
2.2
2.7
V
IXDH 35N60 B
IXDH 35N60 BD1
IXDP 35N60 B
G
C
E
G
C
E
TO-247 AD
IXDH ...
G
E
C
C (TAB)
G = Gate,
E = Emitter
C = Collector ,
TAB = Collector
TO-220 AB
IXDP ...
C (TAB)
G
C
E


Similar Part No. - IXDP35N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
High Voltage IGBT with optional Diode
IXDP20N60BD1 IXYS-IXDP20N60BD1 Datasheet
77Kb / 4P
High Voltage IGBT with optional Diode
IXDP610 IXYS-IXDP610 Datasheet
181Kb / 8P
Bus Compatible Digital PWM Controller, IXDP 610
IXDP630 IXYS-IXDP630 Datasheet
623Kb / 7P
Inverter Interface and Digital Deadtime Generator for 3-Phase PWM Controls
IXDP630PI IXYS-IXDP630PI Datasheet
623Kb / 7P
Inverter Interface and Digital Deadtime Generator for 3-Phase PWM Controls
More results

Similar Description - IXDP35N60B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDH20N120 IXYS-IXDH20N120 Datasheet
74Kb / 4P
High Voltage IGBT with optional Diode
IXDN55N120 IXYS-IXDN55N120 Datasheet
72Kb / 4P
High Voltage IGBT with optional Diode
IXDR30N120 IXYS-IXDR30N120 Datasheet
69Kb / 4P
High Voltage IGBT with optional Diode ISOPLUSTM package
IXSH15N120AU1 IXYS-IXSH15N120AU1 Datasheet
35Kb / 2P
IGBT with Diode
IXSK50N60AU1 IXYS-IXSK50N60AU1 Datasheet
95Kb / 6P
IGBT with Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
94Kb / 4P
High Voltage IGBT with optional Diode
IXDP20N60B IXYS-IXDP20N60B Datasheet
77Kb / 4P
High Voltage IGBT with optional Diode
IXDH30N120 IXYS-IXDH30N120 Datasheet
89Kb / 4P
High Voltage IGBT with optional Diode
IXDN55N120D1 IXYS-IXDN55N120D1 Datasheet
83Kb / 4P
High Voltage IGBT with optional Diode
IXDR35N60BD1 IXYS-IXDR35N60BD1 Datasheet
122Kb / 4P
IGBT with optional Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com