Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDHT3N40 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDHT3N40
Description  N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDHT3N40 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDHT3N40 Datasheet HTML 1Page - MagnaChip Semiconductor. MDHT3N40 Datasheet HTML 2Page - MagnaChip Semiconductor. MDHT3N40 Datasheet HTML 3Page - MagnaChip Semiconductor. MDHT3N40 Datasheet HTML 4Page - MagnaChip Semiconductor. MDHT3N40 Datasheet HTML 5Page - MagnaChip Semiconductor. MDHT3N40 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jun 2012. Version 1.5
MagnaChip Semiconductor Ltd
.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
400
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
1.5
A
TC=100
oC
0.9
A
Pulsed Drain Current
(1)
IDM
6.0
A
Power Dissipation
TC=25
oC
PD
2.1
W
Derate above 25
oC
0.017
W/
oC
Peak Diode Recovery dV/dt
(3)
dV/dt
4.5
V/ns
Repetitive Pulse Avalanche Energy
(1)
EAR
0.21
mJ
Avalanche current
(1)
IAR
1.5
A
Single Pulse Avalanche Energy
(4)
EAS
45
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
60
oC/W
G
MDHT3N40
N-Channel MOSFET 400V, 1.5A, 3.4
General Description
The MDHT3N40 uses advanced Magnachip’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDHT3N40 is suitable device for SMPS, HID and
general purpose applications.
Features
VDS = 400V
ID = 1.5A
@VGS = 10V
RDS(ON) ≤ 3.4
@VGS = 10V
Applications
Power Supply
PFC
LED TV
S
D
D
SOT-223


Similar Part No. - MDHT3N40

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDHT4N20Y MGCHIP-MDHT4N20Y Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
MDHT4N20YURH MGCHIP-MDHT4N20YURH Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
MDHT4N25 MGCHIP-MDHT4N25 Datasheet
1Mb / 7P
N-Channel MOSFET 250V, 0.83A, 1.75(ohm)
MDHT4N25URH MGCHIP-MDHT4N25URH Datasheet
1Mb / 7P
N-Channel MOSFET 250V, 0.83A, 1.75(ohm)
MDHT7N25 MGCHIP-MDHT7N25 Datasheet
1,000Kb / 7P
N-Channel MOSFET 250V, 1.4A, 0.55(ohm))
More results

Similar Description - MDHT3N40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
MagnaChip Semiconductor...
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
N-Channel MOSFET 400V, 6A, 0.85(ohm)
MDIS3N40 MGCHIP-MDIS3N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
N-Channel MOSFET 400V, 3.4 A, 1.6ohm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com