Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDHT4N25 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDHT4N25
Description  N-Channel MOSFET 250V, 0.83A, 1.75(ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDHT4N25 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDHT4N25 Datasheet HTML 1Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 2Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 3Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 4Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 5Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 6Page - MagnaChip Semiconductor. MDHT4N25 Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mar. 2016 Version 1.1
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta = 25
oC)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
250
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
TC=25
oC
ID
0.83
A
TC=100
oC
0.52
A
Pulsed Drain Current
(1)
IDM
3.3
A
Power Dissipation
TC=25
oC
PD
2.5
W
Derate above 25
oC
0.02
W/
oC
Peak Diode Recovery dv/dt
(3)
dv/dt
5.5
V/ns
Repetitive Pulse Avalanche Energy
(4)
EAR
0.25
mJ
Avalanche current
(1)
IAR
0.83
A
Single Pulse Avalanche Energy
(4)
EAS
52
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(1)
RθJA
50
oC/W
*When mounted on the minimum pad size recommended (PCB Mount)
G
MDHT4N25
N-Channel MOSFET 250V, 0.83A, 1.75
Ω
General Description
The MDHT4N25 uses advanced Magnachip
’s
MOSFET Technology, which provides low on-state
resistance, high switching performance and
excellent quality.
MDHT4N25 is suitable device for SMPS, HID and
general purpose applications.
Features
 VDS = 250V
 ID =
0.83A
 RDS(ON) ≤ 1.75Ω
@VGS = 10V
Applications
 Power Supply
 PFC
 LED TV
S
D
D
SOT-223


Similar Part No. - MDHT4N25

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDHT4N20Y MGCHIP-MDHT4N20Y Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
MDHT4N20YURH MGCHIP-MDHT4N20YURH Datasheet
925Kb / 6P
N-Channel MOSFET 200V, 0.85A, 1.35(ohm)
More results

Similar Description - MDHT4N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
250V N-Channel MOSFET
logo
Intersil Corporation
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
January 1998
logo
MagnaChip Semiconductor...
MDD4N25 MGCHIP-MDD4N25 Datasheet
858Kb / 6P
N-Channel MOSFET 250V, 3.0A, 1.75(ohm)
MDD7N25 MGCHIP-MDD7N25 Datasheet
925Kb / 6P
N-Channel MOSFET 250V, 6.2A, 0.55(ohm)
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
MDHT7N25 MGCHIP-MDHT7N25 Datasheet
1,000Kb / 7P
N-Channel MOSFET 250V, 1.4A, 0.55(ohm))
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
N-Channel MOSFET 250V, 14A, 0.28(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com