Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF10150 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SRF10150
Description  10.0 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SRF10150 Datasheet(HTML) 1 Page - Nanjing International Group Co

  SRF10150 Datasheet HTML 1Page - Nanjing International Group Co SRF10150 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-mail: nanjing@dgnjdz.com
www.dgnjdz.com
VOLTAGE RANGE
20 to 200 Volts
SRF1020 THRU SRF10200
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
•
Exceeds environmental standards of MIL-S-19500/228
•
Low power loss, high efficiency
•
Low forward voltage, high current capability
•
High surge capacity
•
For use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications
MECHANICAL DATA
•
Case: ITO-220AC full molded plastic package
•
Terminals: Lead solderable per MIL-STD-202,
Method 208
•
Polarity: as marked
•
Mounting Position: Any
•
Weight: 0.08ounces, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
SRF
1020
SRF
1030
SRF
1035
SRF
1040
SRF
1045
SRF
1050
SRF
1060
SRF
1080
SRF
10100
SRF
10150
SRF
10200
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum RMS Voltage
VRMS
14
21
25
28
32
35
42
56
70
105
140
Volts
Maximum DC Blocking Voltage
VDC
20
30
35
40
45
50
60
80
100
150
200
Volts
Maximum Average Forward Rectified Current
At Tc=100℃
I(AV)
10.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
Amps
Maximum Forward Voltage at 10.0A per element
VF
0.65
0.75
0.85
Volts
TC = 25℃
0.5
Maximum DC Reverse Current at
rated DC Blocking Voltage per
element
TC = 100℃
IR
50
mA
Typical Junction Capacitance(Note2)
CJ
500
pF
Typical Thermal Resistance (Note 1)
RθJC
4.0
℃
/W
Operating Storage Temperature Range
TJ TSTG
(-55 to +150)
℃
Notes:
1.
Thermal Resistance Junction to CASE
2.
Measured at VR=4v and f=1MHz
CURRENT
10.0Ampere
s
AMP SCHOTTKY BARRIER RECTIFIERS
10.0
Dimensions in inches and (millimeters)
ITO-220AC


Similar Part No. - SRF10150

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRF10150 TSC-SRF10150 Datasheet
201Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SRF10150 MIC-SRF10150 Datasheet
45Kb / 2P
SCHTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SRF10150 JINANJINGHENG-SRF10150 Datasheet
79Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SRF10150 TSC-SRF10150 Datasheet
193Kb / 2P
10.0AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SRF10150 LUGUANG-SRF10150 Datasheet
274Kb / 2P
Isolated 10.0AMP. Schottky Barrier Rectifiers
More results

Similar Description - SRF10150

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F_15 Datasheet
85Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060_15 Datasheet
251Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SBR10250F SECOS-SBR10250F_15 Datasheet
160Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
SM10200D1 SECOS-SM10200D1_15 Datasheet
210Kb / 2P
10.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SRF1040-40V-ITO-220AC DGNJDZ-SRF1040-40V-ITO-220AC Datasheet
202Kb / 2P
10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM1045DS1 SECOS-SM1045DS1 Datasheet
335Kb / 2P
10.0 Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com