Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF10150 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SRF10150
Description  10.0 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SRF10150 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SRF10150 Datasheet HTML 1Page - Nanjing International Group Co SRF10150 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
300
200
120
100
0
0.01
0.1
1.0
10
100
500
200
100
50
20
10
5
2
1
150
200
250
300
350
400
100
50
20
10
5
2
1
0
20
30
50
70
90
110
130
150
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.4
0.2
0.1
0.6
0.8
1.0
2
4
6
8
10
20
40
100
50
150
0
0
2
4
6
8
10
C
T =25℃
C
T =75℃
C
T =100℃
T =25℃
J
JEDEC Method
8.3ms Single Half Sine-Wave
j
Pulse Width=200μs
T =25℃
50,60V
80,100V
20,30,40V
CAPACITANCE
INSTANTANEOUS FORWART VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
FIG.5-TYPICAL JUNCTION
NUMBER OF CYCLES AT 60 Hz
SURGE CURRENT
FIG.4-MAXIMUM NON-REPETITIVE
FIG.3-TYPICAL INSTANTANEOUS
REVERSE VOLTAGE VOLTS
CASE TEMPERATRUE ()
℃
FORWARD CHARACTERSTIC
CHARACTERISTICS
FIG.2-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
RATING AND CHARACTERISTIC CURVES (S
RF1020 THRU SRF10200)
E-mail: nanjing@dgnjdz.com
www.dgnjdz.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com