Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C128M16D2 Datasheet(PDF) 21 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 21 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 25Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 75 page
background image
AS4C128M16D2
Confidential
20
Version
2.0 – Oct/2014
Burst Mode Operation
Burst mode operation is used to provide a constant flow of data to memory locations (write cycle), or from memory
locations (read cycle). The parameters that define how the burst mode will operate are burst sequence and burst
length.
The DDR2 SDRAM supports 4 bit and 8 bit burst modes only. For 8 bit burst mode, full interleave address ordering is
supported, however, sequential address ordering is nibble based for ease of implementation. The burst length is
programmable and defined by the addresses A0 ~ A2 of the MRS. The burst type, either sequential or interleaved, is
programmable and defined by the address bit 3 (A3) of the MRS. Seamless burst read or write operations are
supported.
Interruption of a burst read or write operation is prohibited, when burst length = 4 is programmed. For burst
interruption of a read or write burst when burst length = 8 is used, see the “Burst Interruption” section of this
datasheet. A Burst Stop command is not supported on DDR2 SDRAM devices.
Burst Length and Sequence
Burst Length
Starting Address (
A2 A1 A0 )
Sequential Addressing (decimal)
Interleave Addressing (decimal)
4
x 0 0
0, 1, 2, 3
0, 1, 2, 3
x 0 1
1, 2, 3, 0
1, 0, 3, 2
x 1 0
2, 3, 0, 1
2, 3, 0, 1
x 1 1
3, 0, 1, 2
3, 2, 1, 0
8
0 0 0
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
0 0 1
1, 2, 3, 0, 5, 6, 7, 4
1, 0, 3, 2, 5, 4, 7, 6
0 1 0
2, 3, 0, 1, 6, 7, 4, 5
2, 3, 0, 1, 6, 7, 4, 5
0 1 1
3, 0, 1, 2, 7, 4, 5, 6
3, 2, 1, 0, 7, 6, 5, 4
1 0 0
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
1 0 1
5, 6, 7, 4, 1, 2, 3, 0
5, 4, 7, 6, 1, 0, 3, 2
1 1 0
6, 7, 4, 5, 2, 3, 0, 1
6, 7, 4, 5, 2, 3, 0, 1
1 1 1
7, 4, 5, 6, 3, 0, 1, 2
7, 6, 5, 4, 3, 2, 1, 0
Note: 1) Page length is a function of I/O organization and column addressing.
2) Order of burst access for sequential addressing is “nibble-based” and therefore different from SDR or DDR
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com