Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS4C128M16D2 Datasheet(PDF) 61 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 61 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 58Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 59Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 60Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 61Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 62Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 63Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 64Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 65Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 75 page
background image
AS4C128M16D2
Confidential
60
Version
2.0 – Oct/2014
Table 2. Full Strength Default Pullup Driver Characteristics
Pullup Current (mA)
Voltage (V)
Minimal
(23.4 Ohms
) Nominal Default
Low (18 ohms)
Nominal Default
High (18 ohms)
Maximum (12.6 Ohms)
0.2
-8.5
-11.1
-11.8
-15.9
0.3
-12.1
-16.0
-17.0
-23.8
0.4
-14.7
-20.3
-22.2
-31.8
0.5
-16.4
-24.0
-27.5
-39.7
0.6
-17.8
-27.2
-32.4
-47.7
0.7
-18.6
-29.8
-36.9
-55.0
0.8
-19.0
-31.9
-40.8
-62.3
0.9
-19.3
-33.4
-44.5
-69.4
1.0
-19.7
-34.6
-47.7
-75.3
1.1
-19.9
-35.5
-50.4
-80.5
1.2
-20.0
-36.2
-52.5
-84.6
1.3
-20.1
-36.8
-54.2
-87.7
1.4
-20.2
-37.2
-55.9
-90.8
1.5
-20.3
-37.7
-57.1
-92.9
1.6
-20.4
-38.0
-58.4
-94.9
1.7
-20.6
-38.4
-59.6
-97.0
1.8
-38.6
-60.8
-99.1
1.9
-101.1
Figure 2. DDR2 Default Pullup Characteristics for Full Strength Output Driver
0
-20
-40
-60
Minimum
Nominal
Default
Low
-80
-100
Nominal
Default
High
Maximum
-120
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
VDDQ to VOUT (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com