Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9SQL4952
Description  2-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4952 Datasheet(HTML) 2 Page - Integrated Device Technology

  9SQL4952 Datasheet HTML 1Page - Integrated Device Technology 9SQL4952 Datasheet HTML 2Page - Integrated Device Technology 9SQL4952 Datasheet HTML 3Page - Integrated Device Technology 9SQL4952 Datasheet HTML 4Page - Integrated Device Technology 9SQL4952 Datasheet HTML 5Page - Integrated Device Technology 9SQL4952 Datasheet HTML 6Page - Integrated Device Technology 9SQL4952 Datasheet HTML 7Page - Integrated Device Technology 9SQL4952 Datasheet HTML 8Page - Integrated Device Technology 9SQL4952 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2-OUTPUT CK420BQ DERIVATIVE
2
DECEMBER 12, 2016
9SQL4952 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table 3
Power Connections
24 23 22 21 20 19
XIN/CLKIN_25 1
18 BCLK1#
X2 2
17 BCLK1
VDDXTAL3.3 3
16 VDDA3.3
vSADR/REF3.3 4
15 GNDA
GNDREF 5
14 BCLK0#
GNDDIG 613 BCLK0
7
8
9 10 11 12
v prefix indicates internal 120KOhm pull down resistor
24-pin VFQFPN, 4x4 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
9SQL4952
connect epad
to GND
SADR
Address
0
1101000
1
1101010
State of SADR on first application
of CKPWRGD_PD#
+
Read/Write Bit
x
x
True O/P
Comp. O/P
0X
Low1
Low1
Hi-Z2
1
1
Running
Running
Running
11
Disabled1
Disabled1
Running
10
Disabled1
Disabled1
Disabled4
1. The output state is set by B11[1:0] (Low/Low default)
3. Input polarities defined at default SMBus values.
4. See SMBus description for Byte 3, bit 4
2. REF is Hi-Z until the 1st assertion of CKPWRGD_PD# high. After this,
when CKPWRG_PD# is low, REF is disabled unless Byte3[5]=1, in which
case REF is running..
CKPWRGD_PD#
SMBus
OE bit
BCLKx
REF
Pin Number
VDD
GND
35,24
76
11,20
10,21,25
16
15
PLL Analog
Description
XTAL, REF
Digital Power
BCLK outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com