Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4952 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9SQL4952
Description  2-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4952 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9SQL4952 Datasheet HTML 6Page - Integrated Device Technology 9SQL4952 Datasheet HTML 7Page - Integrated Device Technology 9SQL4952 Datasheet HTML 8Page - Integrated Device Technology 9SQL4952 Datasheet HTML 9Page - Integrated Device Technology 9SQL4952 Datasheet HTML 10Page - Integrated Device Technology 9SQL4952 Datasheet HTML 11Page - Integrated Device Technology 9SQL4952 Datasheet HTML 12Page - Integrated Device Technology 9SQL4952 Datasheet HTML 13Page - Integrated Device Technology 9SQL4952 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2-OUTPUT CK420BQ DERIVATIVE
10
DECEMBER 12, 2016
9SQL4952 DATASHEET
Electrical Characteristics– REF
TA = TAMB; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Long Accuracy
ppm
see Tperiod min-max values
ppm
1,2
Clock period
Tperiod
25 MHz output
40
ns
2
Output High Voltage
VIH
IOH = -2mA
0.8x
VDDREF
V
Output Low Voltage
VIL
IOL = 2mA
0.2x
VDDREF
V
Rise/Fall Slew Rate
trf1
Byte 3 = 1F, VOH = VDD-0.45V, VOL = 0.45V
0.5
0.8
1.5
V/ns
1
Rise/Fall Slew Rate
trf1
Byte 3 = 5F, VOH = VDD-0.45V, VOL = 0.45V
1.0
1.5
2.5
V/ns
1,3
Rise/Fall Slew Rate
trf1
Byte 3 = 9F, VOH = VDD-0.45V, VOL = 0.45V
1.5
2.2
2.9
V/ns
1
Rise/Fall Slew Rate
trf1
Byte 3 = DF, VOH = VDD-0.45V, VOL = 0.45V
2.2
2.9
3.9
V/ns
1
Duty Cycle
dt1X
VT = VDD/2 V
45
49.8
55
%
1,4
Duty Cycle Distortion
dtcd
VT = VDD/2 V
-0.5
0.0
+0.5
%
1,5
Jitter, cycle to cycle
tjcyc-cyc
VT = VDD/2 V
81
250
ps
1,4
Noise floor
tjdBc1k
1kHz offset
-120
dBc
1,4
Noise floor
tjdBc10k
10kHz offset to Nyquist
-130
dBc
1,4
Jitter, phase
tjphREF
12kHz to 5MHz, DIF SSC Off
0.3
ps (rms)
1,4
Jitter, phase
tjphREF
12kHz to 5MHz, DIF SSC On
1
ps (rms)
1,4
1Guaranteed by design and characterization, not 100% tested in production.
3 Default SMBus Value
4 When driven by a crystal.
5 When driven by an external oscillator via the X1 pin, X2 should be floating.
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REF is trimmed to 25.00 MHz
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com