Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQL4958 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9SQL4958
Description  8-output CK420BQ Derivative
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9SQL4958 Datasheet(HTML) 1 Page - Integrated Device Technology

  9SQL4958 Datasheet HTML 1Page - Integrated Device Technology 9SQL4958 Datasheet HTML 2Page - Integrated Device Technology 9SQL4958 Datasheet HTML 3Page - Integrated Device Technology 9SQL4958 Datasheet HTML 4Page - Integrated Device Technology 9SQL4958 Datasheet HTML 5Page - Integrated Device Technology 9SQL4958 Datasheet HTML 6Page - Integrated Device Technology 9SQL4958 Datasheet HTML 7Page - Integrated Device Technology 9SQL4958 Datasheet HTML 8Page - Integrated Device Technology 9SQL4958 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATASHEET
9SQL4958 OCTOBER 28, 2016
1
©2016 Integrated Device Technology, Inc.
8-output CK420BQ Derivative
9SQL4958
Description
The 9SQL4958 is a member of IDT's 'Lite' family of server
clocks. It generates 8 100MHz outputs that exceed the
requirements of the CK420BQ CPU/SRC clocks. Each output
has its own OE# pin for clock management and supports 2
different spread spectrum levels in addition to spread off. It
also provides a copy of the 25MHz internal XO. The
9SQL4958 supports PCIe Common Clock (CC) and
Independent Reference Clock (IR) architectures.
Recommended Application
PCIe Gen1, Gen2, Gen3, Gen4 Server Clock
Output Features
8 -100MHz Low-power HCSL (LP-HCSL) CPU/SRC pairs
Integrated terminations for 85Ω Zo
1 - 3.3V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
BCLK outputs
Cycle-to-cycle jitter <50ps
Output-to-output skew <50ps
PCIe Gen1, Gen2, Gen3, Gen4 CC compliant
PCIe Gen2, Gen3 IR compliant
QPI/UPI compliant
SAS12G compliant (SSC off)
12k-20M phase jitter <2ps rms (SSC off)
REF output:
Phase jitter <200fs rms (SSC off)
±50ppm frequency accuracy on all clocks
Features/Benefits
Direct connection to 85 transmission lines; saves 32
resistors and 55mm2 compared to standard HCSL
132mW typ. power consumption; eases thermal concerns
@ 1/10 the power of CK420BQ
Contains default configuration; SMBus interface not
required for device operation
OE# pins; support BLCK power management
25MHz input frequency; standard crystal frequency
25MHz REF output; eliminates XO from board
Pin/SMBus selectable 0%, -0.25% or -0.5% spread on
BLCK outputs; minimize EMI and phase jitter for each
application
BLCK outputs blocked until PLL is locked; clean system
start-up
Two selectable SMBus addresses; multiple devices can
easily share an SMBus segment
Space saving 48-pin 6x6mm VFQFPN; minimal board
space
Block Diagram
XIN/CLKIN_25
X2
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
REF
vOE(7:0)#
SCLK_3.3
vSADR
8
SSC
Capable
PLL
Control
Logic
BCLK0
BCLK1
BCLK2
BCLK3
BCLK4
BCLK5
BCLK6
BCLK7


Similar Part No. - 9SQL4958

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9SQL4958 RENESAS-9SQL4958 Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
9SQL4958CNDGI RENESAS-9SQL4958CNDGI Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
9SQL4958CNDGI8 RENESAS-9SQL4958CNDGI8 Datasheet
424Kb / 30P
3.3V PCIe® Gen1–5 and UPI Clock Generator Family
February 19, 2020
More results

Similar Description - 9SQL4958

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
932SQL456 IDT-932SQL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
Low-Power CK420BQ Derivative for PCIe
9SQL4952 IDT-9SQL4952 Datasheet
312Kb / 20P
2-output CK420BQ Derivative
9SQL4954 IDT-9SQL4954 Datasheet
320Kb / 20P
4-output CK420BQ Derivative
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
932SQL456 RENESAS-932SQL456 Datasheet
7Mb / 24P
Low-Power CK420BQ Derivative for PCIe Separate Clock Architectures
09/29/15
9ZXL0851 RENESAS-9ZXL0851 Datasheet
634Kb / 16P
8-Output DB800ZL Derivative with Integrated 85Ω Terminations
February 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com