Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT16541 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT16541
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT16541 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT16541 Datasheet HTML 1Page - STMicroelectronics 74ACT16541 Datasheet HTML 2Page - STMicroelectronics 74ACT16541 Datasheet HTML 3Page - STMicroelectronics 74ACT16541 Datasheet HTML 4Page - STMicroelectronics 74ACT16541 Datasheet HTML 5Page - STMicroelectronics 74ACT16541 Datasheet HTML 6Page - STMicroelectronics 74ACT16541 Datasheet HTML 7Page - STMicroelectronics 74ACT16541 Datasheet HTML 8Page - STMicroelectronics 74ACT16541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2003
s
HIGH SPEED: tPD = 4.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN)
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT16541 is an advanced high-speed
CMOS
16-BIT
BUS
BUFFER
(3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS tecnology.
This is composed of two 8-bit sections with
separate output-enable signals. For either 8-bit
buffers section, the
3 STATE control gate
operates as a two input AND such that if either
nG1 and nG2 are high, all outputs are in the high
impedence state.
This device is designed to interface directly High
Speed CMOS systems with TTL and NMOS
components.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ACT16541
16-BIT BUS BUFFER
WITH 3-STATE OUTPUTS (NON INVERTED)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74ACT16541TTR
TSSOP
PIN CONNECTION
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 74ACT16541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16541 TI-74ACT16541 Datasheet
105Kb / 6P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
logo
Fairchild Semiconductor
74ACT16541 FAIRCHILD-74ACT16541 Datasheet
80Kb / 6P
16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ACT16541 TI-74ACT16541 Datasheet
141Kb / 8P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
74ACT16541 TI-74ACT16541 Datasheet
292Kb / 10P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
74ACT16541 TI2-74ACT16541 Datasheet
256Kb / 10P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS
REVISED APRIL 1996
More results

Similar Description - 74ACT16541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com