Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCX16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCX16245 Datasheet HTML 3Page - STMicroelectronics 74VCX16245 Datasheet HTML 4Page - STMicroelectronics 74VCX16245 Datasheet HTML 5Page - STMicroelectronics 74VCX16245 Datasheet HTML 6Page - STMicroelectronics 74VCX16245 Datasheet HTML 7Page - STMicroelectronics 74VCX16245 Datasheet HTML 8Page - STMicroelectronics 74VCX16245 Datasheet HTML 9Page - STMicroelectronics 74VCX16245 Datasheet HTML 10Page - STMicroelectronics 74VCX16245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
74VCX16245
7/14
DYNAMIC SWITCHING CHARACTERISTICS (Ta = 25°C, Input tr =tf = 2.0ns, CL =30pF, RL = 500Ω)
1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the LOW state.
2) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is
measured in the HIGH state.
3) Parameters guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (CL = 30pF, RL =500Ω, Input tr =tf = 2.0ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|)
2) Parameter guaranteed by design
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/16 (per
circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
VOLP
Dynamic Low Voltage Quiet
Output (note 1, 3)
1.8
VIL =0V
VIH =VCC
0.25
V
2.5
0.6
3.3
0.8
VOLV
Dynamic Low Voltage Quiet
Output (note 1, 3)
1.8
VIL =0V
VIH =VCC
-0.25
V
2.5
-0.6
3.3
-0.8
VOHV
Dynamic High Voltage Quiet
Output (note 2, 3)
1.8
VIL =0V
VIH =VCC
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
-40 to 85 °C
-55 to 125 °C
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay
Time
1.8
1.5
5.7
1.5
7.0
ns
2.3 to 2.7
1.0
3.2
1.0
4.0
3.0 to 3.6
0.8
2.5
0.8
3.4
tPZL tPZH
Output Enable Time
1.8
1.5
7.5
1.5
9.0
ns
2.3 to 2.7
1.0
4.9
1.0
6.0
3.0 to 3.6
0.8
3.8
0.8
4.7
tPLZ tPHZ
Output Disable Time
1.8
1.5
5.5
1.5
6.8
ns
2.3 to 2.7
1.0
4.2
1.0
5.0
3.0 to 3.6
0.8
3.7
0.8
4.6
tOSLH tOSHL Output To Output
Skew Time (note1, 2)
1.8
0.5
0.5
ns
2.3 to 2.7
0.5
0.5
3.0 to 3.6
0.5
0.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
Min.
Typ.
Max.
CIN
Input Capacitance
1.8, 2.5 or 3.3
VIN = 0 or VCC
4pF
COUT
Output Capacitance
1.8, 2.5 or 3.3
VIN = 0 or VCC
8pF
CPD
Power Dissipation Capacitance
(note 1)
1.8, 2.5 or 3.3
fIN = 10MHz
VIN = 0 or VCC
28
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com