Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16245 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 74VCX16245
Description  LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16245 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 74VCX16245 Datasheet HTML 6Page - STMicroelectronics 74VCX16245 Datasheet HTML 7Page - STMicroelectronics 74VCX16245 Datasheet HTML 8Page - STMicroelectronics 74VCX16245 Datasheet HTML 9Page - STMicroelectronics 74VCX16245 Datasheet HTML 10Page - STMicroelectronics 74VCX16245 Datasheet HTML 11Page - STMicroelectronics 74VCX16245 Datasheet HTML 12Page - STMicroelectronics 74VCX16245 Datasheet HTML 13Page - STMicroelectronics 74VCX16245 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
74VCX16245
11/14
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.2
47.2
A1
0.25
9.8
A2
0.78
0.86
30.7
33.8
B
0.35
0.4
0.45
13.7
15.7
17.7
D
7.9
8.1
311.0
318.9
D1
6.4
252.0
E
5.4
5.5
5.6
212.6
216.5
220.5
E1
4
157.5
e
0.8
31.5
SE
0.4
15.7
TFBGA54 MECHANICAL DATA
7390143/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com