Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VCX16374
Description  LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16374 Datasheet(HTML) 1 Page - STMicroelectronics

  74VCX16374 Datasheet HTML 1Page - STMicroelectronics 74VCX16374 Datasheet HTML 2Page - STMicroelectronics 74VCX16374 Datasheet HTML 3Page - STMicroelectronics 74VCX16374 Datasheet HTML 4Page - STMicroelectronics 74VCX16374 Datasheet HTML 5Page - STMicroelectronics 74VCX16374 Datasheet HTML 6Page - STMicroelectronics 74VCX16374 Datasheet HTML 7Page - STMicroelectronics 74VCX16374 Datasheet HTML 8Page - STMicroelectronics 74VCX16374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
February 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 3.0 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.4 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 6.8 ns (MAX.) at VCC =1.8V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 18mA (MIN) at VCC =2.3V
|IOH|= IOL =6mA (MIN) at VCC =1.8V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.8V to 3.6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16374
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74VCX16374 is a low voltage CMOS 16 BIT
D-TYPE FLIP-FLOP with 3 STATE OUTPUTS
NON
INVERTING fabricated with sub-micron
silicon gate and five-layer metal wiring C2MOS
technology. It is ideal for low power and very high
speed 1.8 to 3.6V applications; it can be interfaced
to 3.6V signal environment for both inputs and
outputs.
These 16 bit D-TYPE flip-flops are controlled by
two clock inputs (nCK) and two output enable
inputs (nOE).
On thepositivetransitionof the (nCK), thenQ
outputs will be set to the logic state that were
setup at the nD inputs.
While the (nOE) input is low, the 8 outputs (nQ)
will be in a normal state (HIGH or LOW logic level)
and while high level the outputs will be in a high
impedance state.
Any output control does not affect the internal
operation of flip flops; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VCX16374
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VCX16374TTR
TSSOP
PIN CONNECTION
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - 74VCX16374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
74VCX16374DT ONSEMI-74VCX16374DT Datasheet
241Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
74VCX16374DTR ONSEMI-74VCX16374DTR Datasheet
241Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74VCX16374G FAIRCHILD-74VCX16374G Datasheet
130Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX16374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA374FK TOSHIBA-TC7MA374FK Datasheet
330Kb / 9P
LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162374 STMICROELECTRONICS-54VCXH162374 Datasheet
512Kb / 17P
Rad hard low voltage CMOS 16-bit D-type Flip-Flop with 3.6V tolerant inputs and outputs
30-Jul-2007
74ALVCH16374 STMICROELECTRONICS-74ALVCH16374 Datasheet
281Kb / 11P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com