Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16374 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VCX16374
Description  LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16374 Datasheet(HTML) 2 Page - STMicroelectronics

  74VCX16374 Datasheet HTML 1Page - STMicroelectronics 74VCX16374 Datasheet HTML 2Page - STMicroelectronics 74VCX16374 Datasheet HTML 3Page - STMicroelectronics 74VCX16374 Datasheet HTML 4Page - STMicroelectronics 74VCX16374 Datasheet HTML 5Page - STMicroelectronics 74VCX16374 Datasheet HTML 6Page - STMicroelectronics 74VCX16374 Datasheet HTML 7Page - STMicroelectronics 74VCX16374 Datasheet HTML 8Page - STMicroelectronics 74VCX16374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
74VCX16374
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don‘t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1
1OE
3 State Output Enable
Input (Active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Q0 to 1Q7 3-State Outputs
13, 14, 16, 17,
19, 20, 22, 23
2Q0 to 2Q7 3-State Outputs
24
2OE
3 State Output Enable
Input (Active LOW)
25
2CK
Clock Input
36, 35, 33, 32,
30, 29, 27, 26
2D0 to 2D7 Data Inputs
47, 46, 44, 43,
41, 40, 38, 37
1D0 to 1D7 Data Inputs
48
1CK
Clock Input
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
OE
CK
D
Q
HX
X
Z
L
X
NO CHANGE*
LL
L
LH
H
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com