Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M34E02-F
Description  Backward compatible with the M34C02
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M34E02-F Datasheet HTML 19Page - STMicroelectronics M34E02-F Datasheet HTML 20Page - STMicroelectronics M34E02-F Datasheet HTML 21Page - STMicroelectronics M34E02-F Datasheet HTML 22Page - STMicroelectronics M34E02-F Datasheet HTML 23Page - STMicroelectronics M34E02-F Datasheet HTML 24Page - STMicroelectronics M34E02-F Datasheet HTML 25Page - STMicroelectronics M34E02-F Datasheet HTML 26Page - STMicroelectronics M34E02-F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DocID10367 Rev 14
23/36
M34E02-F
Maximum rating
6
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 7. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
Ambient temperature with power applied
-
130
°C
TSTG
Storage temperature
-65
150
°C
VIO
Input or output range
E0
Others
-0.50
-0.50
10.0
6.5
V
IOL
DC output current (SDA = 0)
-
5
mA
VCC
Supply voltage
-0.5
6.5
V
VESD
Electrostatic discharge voltage (human body model)(1)
1. Positive and negative pulses applied on different combinations of pin connections, according to AECQ100-
002 (compliant with JEDEC Std JESD22-A114, C1 = 100 pF, R1 = 1500
Ω).
-
3000(2)
2. 4000 V for devices identified by process letters S or G.
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com