Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34E02-F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M34E02-F
Description  Backward compatible with the M34C02
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E02-F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M34E02-F Datasheet HTML 28Page - STMicroelectronics M34E02-F Datasheet HTML 29Page - STMicroelectronics M34E02-F Datasheet HTML 30Page - STMicroelectronics M34E02-F Datasheet HTML 31Page - STMicroelectronics M34E02-F Datasheet HTML 32Page - STMicroelectronics M34E02-F Datasheet HTML 33Page - STMicroelectronics M34E02-F Datasheet HTML 34Page - STMicroelectronics M34E02-F Datasheet HTML 35Page - STMicroelectronics M34E02-F Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Revision history
M34E02-F
34/36
DocID10367 Rev 14
18-Mar-2009
7
Datasheet title and Features on page 1 modified: the device can be used
with DDR1 and DDR2 DRAM configurations.
Temperature range 6 added, operating voltage range VCC extended in
device temperature range 6. IOL added to and TA modified in Table 7:
Absolute maximum ratings.
ILO, ICC and VIL modified in Table 13: DC characteristics (for temperature
range 6 devices). Table 14: AC characteristics added. Table 13: DC
characteristics (for temperature range 6 devices) modified. Figure 13: AC
waveforms modified.
Figure 4: Maximum RP value versus bus parasitic capacitance (C) for an
I2C bus updated. Note removed below Figure 11: Serial presence detect
block diagram.
UFDFPN8 package specifications updated (see Table 15: UFDFPN8
(MLP8) 8-lead ultra thin fine pitch dual flat package no lead 2 x 3 mm,
data).
Blank option removed under plating technology in Table 17: Ordering
information scheme. Small text changes.
25-Sep-2009
8
Section 2.5.2: Power-up conditions and Section 2.5.3: Device reset
updated. Figure 4: Maximum RP value versus bus parasitic capacitance
(C) for an I2C bus modified.
tNS modified in Table 11: Input parameters.
ICC and VIL test conditions extended in Table 12: DC characteristics (for
temperature range 1 devices).
01-Apr-2010
9
Test condition updated in Table 12: DC characteristics (for temperature
range 1 devices) and Table 13: DC characteristics (for temperature range
6 devices)
Updated Figure 14: UFDFPN8 (MLP8) – 8-lead ultra thin fine pitch dual
flat package no lead 2 x 3 mm, outline and Table 15: UFDFPN8 (MLP8) 8-
lead ultra thin fine pitch dual flat package no lead 2 x 3 mm, data
23-Jul-2010
10
Added M34E02-F part number.
Added ambient temperature with power applied in Table 7: Absolute
maximum ratings.
Updated ICC1 conditions in Table 12: DC characteristics (for temperature
range 1 devices).
Added Note 4 for tCLQV in Table 14: AC characteristics. Updated
Figure 13: AC waveforms.
tCHDX replaced by tCHDL in Figure 13: AC waveforms.
Modified MC package outline in Figure 14: UFDFPN8 (MLP8) – 8-lead
ultra thin fine pitch dual flat package no lead 2 x 3 mm, outline.
27-May-2011
11
Updated MLP8 package data.
22-Jan-2013
12
Removed M34E02 part number.
Updated information relating to package UFDFPN8 (MLP8).
Rephrased Description.
Updated Table 7: Absolute maximum ratings and Table 13: DC
characteristics (for temperature range 6 devices).
Table 18. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com