Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-R Datasheet(PDF) 44 Page - STMicroelectronics

Part # M95M01-R
Description  1-Mbit serial SPI bus EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M95M01-R Datasheet HTML 40Page - STMicroelectronics M95M01-R Datasheet HTML 41Page - STMicroelectronics M95M01-R Datasheet HTML 42Page - STMicroelectronics M95M01-R Datasheet HTML 43Page - STMicroelectronics M95M01-R Datasheet HTML 44Page - STMicroelectronics M95M01-R Datasheet HTML 45Page - STMicroelectronics M95M01-R Datasheet HTML 46Page - STMicroelectronics M95M01-R Datasheet HTML 47Page - STMicroelectronics M95M01-R Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
Package information
M95M01-DF M95M01-R
44/51
DocID13264 Rev 14
Figure 28. WLCSP- 8-bump, 2.578 x 1.716 mm, wafer level chip scale
package recommended footprint
1. Dimensions are expressed in millimeters.
e2
-
0.500
-
-
0.0197
-
e3
-
0.500
-
-
0.0197
-
F
-
0.425
-
-
0.0167
-
G
-
0.789
-
-
0.0311
-
aaa
-
0.110
-
-
0.0043
-
bbb
-
0.110
-
-
0.0043
-
ccc
-
0.110
-
-
0.0043
-
ddd
-
0.060
-
-
0.0024
-
eee
-
0.060
-
-
0.0024
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
Table 19. WLCSP- 8-bump, with BSC, 2.578 x 1.716 mm, wafer level chip scale
package mechanical data (continued)
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com